Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD773AKD Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD773AKD
Szczegółowy opis  10-Bit, 20 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD773AKD Arkusz danych(HTML) 3 Page - Analog Devices

  AD773AKD Datasheet HTML 1Page - Analog Devices AD773AKD Datasheet HTML 2Page - Analog Devices AD773AKD Datasheet HTML 3Page - Analog Devices AD773AKD Datasheet HTML 4Page - Analog Devices AD773AKD Datasheet HTML 5Page - Analog Devices AD773AKD Datasheet HTML 6Page - Analog Devices AD773AKD Datasheet HTML 7Page - Analog Devices AD773AKD Datasheet HTML 8Page - Analog Devices AD773AKD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD773A
REV. 0
–3–
AC SPECIFICATIONS
AD773AJ
AD773AK
Parameter
Min
Typ
Max
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
1
Signal-to-Noise plus Distortion
(S/N+D) Ratio
fIN = 1 MHz
52
56
54
56
dB
fIN = 10 MHz
50
54
51
54
dB
Effective Number of Bits (ENOB)
fIN = 1 MHz
9.0
9.0
Bits
fIN = 10 MHz
8.7
8.7
Bits
Total Harmonic Distortion (THD)
fIN = 1 MHz
–67
–57
–67
–59
dB
fIN = 10 MHz
–65
–54
–65
–55
dB
Spurious Free Dynamic Range
2
70
70
dB
Full Power Bandwidth
100
100
MHz
Intermodulation Distortion (IMD)
3
Second Order Products
–69
–69
dB
Third Order Products
–64
–64
dB
Differential Phase
0.2
0.2
Degree
Differential Gain
0.5
0.5
%
Transient Response
25
25
ns
Overvoltage Recovery Time
25
25
ns
NOTES
1For typical dynamic performance curves at f
SAMPLE = 20 Msps see Figures 2 through 7.
2f
IN = 1 MHz.
3fa = 1.0 MHz, fb = 1.05 MHz.
Specifications subject to change without notice.
TIMING SPECIFICATIONS
Symbol
Min
Typ
Max
Units
Conversion Rate
20
Msps
Clock Period
tCLK
50
ns
Clock High
tCH
24.5
ns
Clock Low
tCL
24.5
ns
Output Delay
tOD
20
ns
Aperture Delay
7
ns
Aperture Jitter
9
ps
Pipeline Delay (Latency)
4
Clock Cycles
DATA
N
DATA
N+1
VIN
CLOCK
BIT 1–10
MSB, OTR
N
N+1
N
N+1
t
C
tCH
t
CL
t
OD
Figure 1. AD773A Timing Diagram
(TMIN to TMAX with AVDD = +5 V
5%, AVSS = –5 V
5%, DVDD, = +5 V
5%, DRVDD = +5 V
5%,
VREF = +2.500 V unless otherwise noted, fSAMPLE = 20 MSPS, flN amplitude = –0.5 dB)
(for all grades TMIN to TMAX with AVDD = +5 V
5%, AVSS = –5 V
5%, DVDD = +5 V
5%,
DRVDD = +5 V
5%, VREF = +2.500 V unless otherwise noted, fSAMPLE = 20 MSPS)


Podobny numer części - AD773AKD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD773A AD-AD773A Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
More results

Podobny opis - AD773AKD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD773 AD-AD773_15 Datasheet
4Mb / 16P
   10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com