Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MX7839 Arkusz danych(PDF) 2 Page - Maxim Integrated Products

Numer części MX7839
Szczegółowy opis  Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7839 Arkusz danych(HTML) 2 Page - Maxim Integrated Products

  MX7839 Datasheet HTML 1Page - Maxim Integrated Products MX7839 Datasheet HTML 2Page - Maxim Integrated Products MX7839 Datasheet HTML 3Page - Maxim Integrated Products MX7839 Datasheet HTML 4Page - Maxim Integrated Products MX7839 Datasheet HTML 5Page - Maxim Integrated Products MX7839 Datasheet HTML 6Page - Maxim Integrated Products MX7839 Datasheet HTML 7Page - Maxim Integrated Products MX7839 Datasheet HTML 8Page - Maxim Integrated Products MX7839 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Octal, 13-Bit Voltage-Output DAC
with Parallel Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +17V
VSS to GND ........................................................... -17V to +0.3V
VCC to GND ............................................................ -0.3V to +6V
A_, DB_, WR, CS, LDAC, CLR to GND .....+0.3V to (VCC + 0.3V)
REF_ _ _ _+, REF_ _ _ _-,
DUTGND_ _ .................................(VSS - 0.3V) to (VDD + 0.3V)
OUT_ ..........................................................................VDD to VSS
Maximum Current into REF_ _ _ _ _, DUTGND_ _ ...........±10mA
Maximum Current into Any Signal Pin ..............................±50mA
OUT_ Short-Circuit Duration to VDD, VSS, and GND ................1s
Continuous Power Dissipation (TA = +70°C)
44-Pin MQFP (derate 11.1mW/°C above +70°C).........870mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(Note 1)
(Note 1)
(Note 1)
Guaranteed monotonic
CONDITIONS
0.5
DC Output Impedance
pF
50
Capacitive Load to GND
k
-10
+10
Output Voltage Swing
V
210
(REF_ _ _ _+) - (REF_ _ _ _-)
Range
V
-5
0
REF_ _ _ _- Input Range
V
05
REF_ _ _ _+ Input Range
µA
±1
Input Current
M
100
Input Resistance
±2
Bits
13
N
Resolution
µV
75
120
DC Crosstalk
ppm
FSR/°C
0.5
10
Gain Temperature Coefficient
LSB
±1
Gain Error
LSB
INL
Relative Accuracy
LSB
±0.9
DNL
Differential Nonlinearity
LSB
±1
±4
Full-Scale Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ELECTRICAL CHARACTERISTICS
(VDD = +15V ±5%, VSS = -15V ±5%, VCC = +5V ±5%, VGND = VDUTGND_ _ = 0, VREF_ _ _ _+ = +5V, VREF_ _ _ _- = -5V, RL = 5k
Ω,
CL = 50pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
LSB
±2
±8
Zero-Scale Error
k
5
Resistive Load to GND
STATIC PERFORMANCE (ANALOG SECTION)
REFERENCE INPUTS
ANALOG OUTPUTS


Podobny numer części - MX7839

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MX7837 MAXIM-MX7837 Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AN MAXIM-MX7837AN Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AQ MAXIM-MX7837AQ Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837AR MAXIM-MX7837AR Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
MX7837BN MAXIM-MX7837BN Datasheet
168Kb / 12P
   Complete, Dual, 12-Bit Multiplying DACs
19-0158; Rev 0; 7/93
More results

Podobny opis - MX7839

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
   13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5839 MAXIM-MAX5839 Datasheet
211Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 1/00
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
   Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839 Datasheet
153Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
   Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
   Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com