Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1DU064HBYA-0QC00 Arkusz danych(PDF) 38 Page - Samsung semiconductor

Numer części MC1DU064HBYA-0QC00
Szczegółowy opis  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU064HBYA-0QC00 Arkusz danych(HTML) 38 Page - Samsung semiconductor

Back Button MC1DU064HBYA-0QC00 Datasheet HTML 34Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 35Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 36Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 37Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 38Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 39Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 40Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 41Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 42Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
MultiMediaCard
TM
38
ERASE_GROUP_END(CMD36) command and finally it starts the erase process by issuing the
ERASE(CMD38) command. The address field in the erase commands is an Erase Group address in
byte units. The card will all LSB’s below the Erase Group size, effectively rounding the address down to
the Erase Group boundary.
If an erase command is received out of sequence, the card shall set the ERASE_SEQ_ERROR bit in
the status register and reset the whole sequence.
If an out of sequence(neither of the erase commands, except SEND_STATUS) command received, the
card shall set the ERASE_RESET status bit in the status register, reset the erase sequence and
execute the last command.
If the erase range includes write protected blocks, the shall be left intact and only the non-protected
blocks shall be erased. The WP_ERASE_SKIP status bit in the status register shall be set.
As described above for block write, the card will indicate that an erase is in progress by holding DAT
low The actual erase time may be quite long, and the host may issue CMD7 to deselect the card.
4.9.4 Write Protect Management
Card data may be protected against either erase or write. The entire card may be permanently write
protected by the manufacturer or content provider by setting the permanent or temporary write protect
bits in the CSD. Portions of the data may be protected (in units of WP_GRP_SIZE sectors as specified
in the CSD), and the write protection may be changed by the application. The SET_WRITE_PROT
command sets the write protection of the addressed write-protect group, and the CLR_WRITE_PROT
command clears the write protection of the addressed write-protect group. The SEND_WRITE_PROT
command is similar to a single block read command. The card shall send a data block containing 32
write protection bits (representing 32 write protect groups starting at the specified address) followed by
16 CRC bits. The address field in the write protect commands is a group address in byte units. The
card will ignore all LSB’s below the group size.
4.9.5 Card Lock/Unlock Operation
The password protection feature enables the host to lock a card while providing a password, which
later will be used for unlocking the card. The password and its size are kept in a 128-bit PWD and 8-bit
PWD_LEN registers, respectively. These registers are non-volatile so that a power cycle will not erase
them. Locked cards respond to (and execute) all commands in the "basic" command class (class 0)
and “lock card” command class. Thus the host is allowed to reset, initialize, select, query for status,
etc., but not to access data on the card. If the password was previously set (the value of PWD_LEN is
not‘0’) will be locked automatically after power on. Similar to the existing CSD and CID register write
commands the lock/unlock command is available in "transfer state" only. This means that it does not
include an address argument and the card has to be selected before using it. The card lock/unlock
command has the structure and bus transaction type of a regular single block write command. The
transferred data block includes all the required information of the command (password setting mode,
PWD itself, card lock/unlock etc.). The following table describes the structure of the command data
block.
Table 4-9 Card Lock Data Structure
Byte#
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0
Reserved
ERASE
LOCK_
UNLOCK
CLR_
PWD
SET_
PWD
1
PWD_LEN
2
PWD_LEN+1
Password data


Podobny numer części - MC1DU064HBYA-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Podobny opis - MC1DU064HBYA-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com