Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1DU064HBYA-0QC00 Arkusz danych(PDF) 46 Page - Samsung semiconductor

Numer części MC1DU064HBYA-0QC00
Szczegółowy opis  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU064HBYA-0QC00 Arkusz danych(HTML) 46 Page - Samsung semiconductor

Back Button MC1DU064HBYA-0QC00 Datasheet HTML 42Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 43Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 44Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 45Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 46Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 47Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 48Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 49Page - Samsung semiconductor MC1DU064HBYA-0QC00 Datasheet HTML 50Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
MultiMediaCard
TM
46
Tming CMDn End to CMD n+1 Start (All Modes)
In the case the CMDn command was a last identification command (no more response sent by a card),
then the next CMDn+1 command is allowed to follow after at least Ncc+136(the length of the R2
response) clock periods.
Data Access timing
Data transmission starts with the access time delay tAC (which corresponds to NAC), beginning from the
end bit of the data address command. The data transfer stops automatically in case of a data block
transfer or by a transfer stop command.
Data Read Timing (Data Transfer Mode)
Data transfer stop command timing
The card data transmission can be stopped using the stop command. The data transmission stops
immediately with the end bit of the stop command.
Timing of Stop Command (CMD12,Data Transfer Mode)
Single or multiple block write
The host selects one card for data write operation by CMD7. The host sets the valid block length for
block oriented data transfer by CMD16. The host transfers the data with CMD24. The address of the
data block is determined by the argument of this command. This command is responded by the card on
the CMD line as usual. The data transfer from the host starts NWR clock cycles after the card response
was received. The write data have CRC check bits to allow the card to check the transferred data for
transmission errors. The card sends the CRC check information as a CRC status to the host (on the data
line). The CRC status contains the information if the write data transfer was non-erroneous (the CRC


Podobny numer części - MC1DU064HBYA-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Podobny opis - MC1DU064HBYA-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com