Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ4467 Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części SMAJ4467
Szczegółowy opis  This 1.5 Watt Zener series in a low-profile light-weight plastic surface Mount Configuration
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMAJ4467 Arkusz danych(HTML) 2 Page - Microsemi Corporation

  SMAJ4467 Datasheet HTML 1Page - Microsemi Corporation SMAJ4467 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
© 2001
MSCXXXX.PDF 4-07-03 REV A
SMAJ4460 thru SMAJ4496
and SMAJ6485 thru SMAJ6491
1.5 Watt Zener Diodes
SCOTTSDALE DIVISION
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise specified)
MICROSEMI
PART NUMBER
ZENER
VOLTAGE
VZ @ IZT
VOLTS
NOM.
TEST
CURRENT
IZT
mA
DYNAMIC
IMPEDANCE
ZZT = IZT
OHMS
MAX
KNEE
IMPEDANCE
ZZK = IZK
OHMS
MAX
TEST
CURRENT
IZK
mA
REVERSE
CURRENT
IR @ VR
µA
MAX
TEST
VOLTAGE
VR
VOLTS
MAXIMUM
CONTINOUS
CURRENT
mA
MAXIMUM
SURGE
CURRENT at
8.3 ms square
wave
TA = 25 °C
A
MAXIMUM
SURGE
CURRENT at
8.3 ms square
wave
TA = 100 °C
A
SMAJ6485
3.3
76.0
10
400
1.0
50
1.0
433
-
8.4
SMAJ6486
3.6
69.0
10
400
1.0
50
1.0
397
-
7.8
SMAJ6487
3.9
64.0
9
400
1.0
35
1.0
366
-
7.2
SMAJ6488
4.3
58.0
9
400
1.0
5
1.0
332
-
6.6
SMAJ6489
4.7
53.0
8
500
1.0
4
1.0
304
-
6.0
SMAJ6490
5.1
49.0
7
500
1.0
1
1.0
280
-
5.4
SMAJ6491
5.6
45.0
5
600
1.0
.50
2.0
255
-
5
SMAJ4460
6.2
40.0
4
200
1.0
10
3.72
230
-
4.6
SMAJ4461
6.8
37.0
2.5
200
1.0
5
4.08
210
10
4.2
SMAJ4462
7.5
34.0
2.5
400
0.5
1
4.50
191
9
3.8
SMAJ4463
8.2
31.0
3
400
0.5
.50
4.92
174
7.8
3.4
SMAJ4464
9.1
28.0
4
500
0.5
.30
5.46
157
6.8
3.2
SMAJ4465
10
25.0
5
500
.25
.30
8.0
143
6
2.8
SMAJ4466
11
23.0
6
550
.25
.30
8.8
130
5.2
2.6
SMAJ4467
12
21.0
7
550
.25
.20
9.6
119
4.8
2.4
SMAJ4468
13
19.0
8
550
.25
.05
10.4
110
4.4
2.2
SMAJ4469
15
17.0
9
600
.25
.05
12.0
95
3.6
1.9
SMAJ4470
16
15.5
10
600
.25
.05
12.8
90
3.2
1.6
SMAJ4471
18
14.0
11
650
.25
.05
14.4
79
2.8
1.58
SMAJ4472
20
12.5
12
650
.25
.05
16.0
71
2.4
1.42
SMAJ4473
22
11.5
14
650
.25
.05
17.6
65
2.2
1.3
SMAJ4474
24
10.5
16
700
.25
.05
19.2
60
1.8
1.2
SMAJ4475
27
9.5
18
700
.25
.05
21.6
53
1.6
1.06
SMAJ4476
30
8.5
20
750
.25
.05
24.0
48
1.5
.96
SMAJ4477
33
7.5
25
800
.25
.05
26.4
43
1.32
.86
SMAJ4478
36
7.0
27
850
.25
.05
28.8
40
1.20
.80
SMAJ4479
39
6.5
30
900
.25
.05
31.2
37
1.08
.74
SMAJ4480
43
6.0
40
950
.25
.05
34.4
33
.96
.66
SMAJ4481
47
5.5
50
1000
.25
.05
37.6
30
.90
.60
SMAJ4482
51
5.0
60
1100
.25
.05
40.8
28
.84
.56
SMAJ4483
56
4.5
70
1300
.25
.025
44.8
26
.78
.52
SMAJ4484
62
4.0
80
1500
.25
.025
49.6
23
.70
.46
SMAJ4485
68
3.7
100
1700
.25
.025
54.4
21
.64
.42
SMAJ4486
75
3.3
130
2000
.25
.025
60.4
19
.58
.38
SMAJ4487
82
3.0
160
2500
.25
.025
65.6
17
.52
.34
SMAJ4488
91
2.8
200
3000
.25
.025
72.8
16
.46
.32
SMAJ4489
100
2.5
250
3100
.25
.025
80.0
14
.40
.28
SMAJ4490
110
2.0
300
4000
.25
.025
88.0
13
.38
.26
SMAJ4491
120
2.0
400
4500
.25
.025
96.0
12
.36
.24
SMAJ4492
130
1.9
500
5000
.25
.025
104
11
.32
.22
SMAJ4493
150
1.7
700
6000
.25
.025
120
9.5
.28
.19
SMAJ4494
160
1.6
1000
6500
.25
.025
128
8.9
.24
.178
SMAJ4495
180
1.4
1300
7000
.25
.025
144
7.9
.20
.158
SMAJ4496
200
1.2
1500
8000
.25
.025
160
7.2
.16
.144
Notes:
1.
No suffix indicates a ±5% tolerance on nominal VZ, C denotes a ±2% tolerance, and D denotes a ±1% tolerance.
2.
Zener voltage (Vz) is measured at TL = 30 °C. Voltage measurement to be performed 90 seconds after application of dc current.
3.
The zener impedance is derived from the 60 Hz ac voltage which results when an ac current having an rms value equal to 10% of the
dc zener current (IZT or IZK).
4.
Vf at 200 mA 1.2 volts maximum and Vf at 1.0 A 1.5 volts maximum.


Podobny numer części - SMAJ4467

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SMAJ4467 ETC2-SMAJ4467 Datasheet
196Kb / 2P
   Transient Voltage Suppressor
More results

Podobny opis - SMAJ4467

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
logo
Micro Commercial Compon...
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5913B MCC-SMBJ5913B Datasheet
293Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5930B-TP MCC-SMBJ5930B-TP Datasheet
264Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBG5913 MICROSEMI-SMBG5913 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
ON Semiconductor
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com