Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC28U512NBFA-0QC00 Arkusz danych(PDF) 5 Page - Samsung semiconductor

Numer części MC28U512NBFA-0QC00
Szczegółowy opis  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC28U512NBFA-0QC00 Arkusz danych(HTML) 5 Page - Samsung semiconductor

  MC28U512NBFA-0QC00 Datasheet HTML 1Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 2Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 3Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 4Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC28U512NBFA-0QC00 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
MultiMediaCard
TM
5
1 Introduction to the MultiMediaCard
The MultiMediaCard is a universal low cost data storage and communication media. It is designed to
cover a wide area of applications as cellula phone, electronic toys, organizers, PDAs, cameras, smart
phones, digital recorders, MP3 players, pagers, etc. Targeted features are high mobility and high
performance at a low cost price. It might also be expressed in terms of low power consumption and
high data throughput at the memory card interface
The MultiMediaCard communication is based on an advanced 7-pin serial bus designed to operate in a
low voltage range. The communication protocol is defined as a part of this standard and referred to as
MultiMediaCard mode. For compatibility to existing controllers the cards may offer, in addition to the
MultiMediaCard mode, an alternate communication protocol which is based on the SPI standard
1.1 System Features
- MultiMediaCard System Specification Ver.3.31 compatible
- Supports Standard MultiMediaCard bus
- Supports SPI Mode (single and multiple block read and write operations)
- Supports block read/write
- Targeted for portable and stationary applications
- Maximum data rate with up to 10 cards
- Correction of memory field errors
- Built-in write protection features (permanent and temporary)
- Comfortable erase mechanism
- 2.7 to 3.6 volts operation
1.2 Product Model
Table 1-1 MultiMediaCard Capacities (Packing Type:Bulk Type I)
Model Number
Capacities
Remarks
MC56U032NCFA-0QC00
32MB
MC12U064NBFA-0QC00
64MB
MC1GU128NAFA-0QC00
128MB
MC2DU256NAFA-0QC00
256MB
MC2GU512NMCA-0QC00
512MB
MC2GU01GNMCA-0QC00
1GB
. Full Size MMC
. S3F49DAX Controller
MC56U032HCCA-0QC00
32MB
MC12U064HACA-0QC00
64MB
MC1GU128HACA-0QC00
128MB
MC1GU256HACA-0QC00
256MB
. Reduced-Size MMC
(RS-MMC)
. S3F49DAX Controller


Podobny numer części - MC28U512NBFA-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SL Power Electronics
MC28-2-A SLPOWER-MC28-2-A Datasheet
374Kb / 7P
   DC Power Supplies
MC28-2-A SLPOWER-MC28-2-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

Podobny opis - MC28U512NBFA-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com