Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7338 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7338
Szczegółowy opis  HEXFET Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7338 Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7338 Datasheet HTML 1Page - International Rectifier IRF7338 Datasheet HTML 2Page - International Rectifier IRF7338 Datasheet HTML 3Page - International Rectifier IRF7338 Datasheet HTML 4Page - International Rectifier IRF7338 Datasheet HTML 5Page - International Rectifier IRF7338 Datasheet HTML 6Page - International Rectifier IRF7338 Datasheet HTML 7Page - International Rectifier IRF7338 Datasheet HTML 8Page - International Rectifier IRF7338 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Max.
N-Channel
P-Channel
VDS
Drain-to-Source Voltage
12
-12
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
6.3
-3.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
5.2
-2.5
IDM
Pulsed Drain Current

26
-13
PD @TA = 25°C
Power Dissipation
ƒ
2.0
W
PD @TA = 70°C
Power Dissipation
ƒ
1.3
Linear Derating Factor
16
mW/°C
VGS
Gate-to-Source Voltage
±12
„
± 8.0
V
TJ, TSTG
Junction and Storage Temperature Range
°C
N-Ch
P-Ch
VDSS
12V
-12V
RDS(on) 0.034Ω 0.150Ω
HEXFET® Power MOSFET
6/2/03
IRF7338
Description
www.irf.com
1
These N and P channel MOSFETs from International
Rectifier utilize advanced processing techniques to achieve
the extremely low on-resistance per silicon area. This
benefit provides the designer with an extremely efficient
device for use in battery and load management
applications.
This Dual SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of power
applications. With these improvements, multiple devices
can be used in an application with dramatically reduced
board space. The package is designed for vapor phase,
infrared, or wave soldering technique
s.
Parameter
Units
A
Absolute Maximum Ratings
-55 to + 150
l Ultra Low On-Resistance
l Dual N and P Channel MOSFET
l Surface Mount
l Available in Tape & Reel
SO-8
D1
N-CHANNEL MOSFET
P-CHANNEL MOSFET
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
Symbol
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
–––
20
RθJA
Junction-to-Ambient
ƒ
–––
62.5
°C/W
Thermal Resistance
PD - 94372C


Podobny numer części - IRF7338

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7338PBF IRF-IRF7338PBF Datasheet
224Kb / 12P
   HEXFET Power MOSFET
More results

Podobny opis - IRF7338

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com