Zakładka z wyszukiwarką danych komponentów |
|
IRF6636 Arkusz danych(PDF) 3 Page - International Rectifier |
|
IRF6636 Arkusz danych(HTML) 3 Page - International Rectifier |
3 / 9 page IRF6636 www.irf.com 3 Fig 3. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient Surface mounted on 1 in. square Cu board, steady state. Used double sided cooling , mounting pad. Mounted on minimum footprint full size board with metalized back and with small clip heatsink. Notes: TC measured with thermocouple incontact with top (Drain) of part. Rθ is measured at TJ of approximately 90°C. Surface mounted on 1 in. square Cu board (still air). Mounted on minimum footprint full size board with metalized back and with small clip heatsink (still air) Mounted to a PCB with a thin gap filler and heat sink. (still air) Absolute Maximum Ratings Parameter Units PD @TA = 25°C Power Dissipation W PD @TA = 70°C Power Dissipation PD @TC = 25°C Power Dissipation TP Peak Soldering Temperature °C TJ Operating Junction and TSTG Storage Temperature Range Thermal Resistance Parameter Typ. Max. Units RθJA Junction-to-Ambient ––– 58 RθJA Junction-to-Ambient 12.5 ––– RθJA Junction-to-Ambient 20 ––– °C/W RθJC Junction-to-Case ––– 3.0 RθJ-PCB Junction-to-PCB Mounted 1.0 ––– Linear Derating Factor W/°C 0.017 270 -40 to + 150 Max. 42 2.2 1.4 1E-006 1E-005 0.0001 0.001 0.01 0.1 1 10 100 t1 , Rectangular Pulse Duration (sec) 0.001 0.01 0.1 1 10 100 0.20 0.10 D = 0.50 0.02 0.01 0.05 SINGLE PULSE ( THERMAL RESPONSE ) Notes: 1. Duty Factor D = t1/t2 2. Peak Tj = P dm x Zthja + Tc τ J τ J τ 1 τ 1 τ 2 τ 2 τ 3 τ 3 R 1 R 1 R 2 R 2 R 3 R 3 Ci= τi/Ri Ci= τi/Ri τ 4 τ 4 R 4 R 4 τ C τ C τ 5 τ 5 R 5 R 5 Ri (°C/W) τi (sec) 0.6677 0.000066 1.0463 0.000896 1.5612 0.004386 29.2822 0.686180 25.4550 32 |
Podobny numer części - IRF6636 |
|
Podobny opis - IRF6636 |