Zakładka z wyszukiwarką danych komponentów |
|
MC1H3 Arkusz danych(PDF) 4 Page - Microchip Technology |
|
MC1H3 Arkusz danych(HTML) 4 Page - Microchip Technology |
4 / 60 page dsPICDEM™ MC1H 3-Phase High Voltage Power Module DS70096A-page iv © 2003 Microchip Technology Inc. • The system is intended for evaluation and development purposes and should only be operated in a normal laboratory environment as defined by IEC 61010-1:2001. • Clean with a dry cloth only. • Operate flat on a bench, do not move during operation and do not block the ventilation holes. • The system should not be operated without all the supplied covers fully secured in place. • Screws should not protrude into the unit by more than 5 mm (0.2 ″), type M3 ISO metric. • The system should not be connected or operated if there is any apparent damage to the unit. • The unit is designed for installation category II and to be connected to the AC mains supply via a standard non-locking plug. As the unit has no mains switch, this plug constitutes the means of disconnection from the supply and thus the user must have unobstructed access to this plug during operation. |
Podobny numer części - MC1H3 |
|
Podobny opis - MC1H3 |