Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BA03T Arkusz danych(PDF) 1 Page - Rohm

Numer części BA03T
Szczegółowy opis  Low saturation voltage type 3-pin regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BA03T Arkusz danych(HTML) 1 Page - Rohm

  BA03T Datasheet HTML 1Page - Rohm BA03T Datasheet HTML 2Page - Rohm BA03T Datasheet HTML 3Page - Rohm BA03T Datasheet HTML 4Page - Rohm BA03T Datasheet HTML 5Page - Rohm BA03T Datasheet HTML 6Page - Rohm BA03T Datasheet HTML 7Page - Rohm BA03T Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BAOOT / BAOOFP series
Regulator ICs
Low saturation voltage type 3-pin
regulator
BAOOT / BAOOFP series
The BA
ΟΟT and BAΟΟFP series are fixed positive output low drop-out type, 3-pin voltage regulators with positive output.
These regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage.
There are 10 fixed output voltages, as follows:3V, 3.3V, 5V, 6V*, 7V, 8V, 9V, 10V, 12V and 15V. The maximum current
capacity is 1A for each of the above voltages. (Items marked with an asterisk are under development.)
!
!
!
!
Application
Constant voltage power supply
!
!
!
!
Features
1) Built-in overvoltage protection circuit, overcurrent
protection circuit and thermal shutdown circuit.
2) TO220FP and TO252-3 packages are available to
cover a wide range of applications.
3) Compatible with the BA178
ΟΟ series.
4) Richly diverse lineup.
5) Low minimum I / O voltage differential.
!
!
!
!
Product codes
Product No.
Product No.
3.0
BA03T / FP
8.0
BA08T / FP
3.3
BA033T / FP
9.0
BA09T / FP
5.0
BA05T / FP
10.0
BA10T / FP
6.0
BA06T / FP
12.0
BA12T / FP
7.0
BA07T / FP
15.0
BA15T / FP
Output voltage (V)
Output voltage (V)
∗∗
∗ : Under development.
!
!
!
!
Block diagram
1
2
OUT
+
REFERENCE
VOLTAGE
GND
VCC
+
3


Podobny numer części - BA03T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T/FP ROHM-BA03T/FP Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03TFP ROHM-BA03TFP Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
More results

Podobny opis - BA03T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA07FP-E2 ROHM-BA07FP-E2 Datasheet
106Kb / 9P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com