Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA40-11SRWA Arkusz danych(PDF) 6 Page - Kingbright Corporation

Numer części TA40-11SRWA
Szczegółowy opis  The High Efficiency Red Source color Devices
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KINGBRIGHT [Kingbright Corporation]
Strona internetowa  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

TA40-11SRWA Arkusz danych(HTML) 6 Page - Kingbright Corporation

  TA40-11SRWA Datasheet HTML 1Page - Kingbright Corporation TA40-11SRWA Datasheet HTML 2Page - Kingbright Corporation TA40-11SRWA Datasheet HTML 3Page - Kingbright Corporation TA40-11SRWA Datasheet HTML 4Page - Kingbright Corporation TA40-11SRWA Datasheet HTML 5Page - Kingbright Corporation TA40-11SRWA Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SPEC NO: CDA0883
REV NO: V.1
DATE: NOV/18/2001
PAGE: 6 OF 6
APPROVED:J.LU
CHECKED:
DRAWN: S.H.CHEN
Super Bright Red


Podobny numer części - TA40-11SRWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
TA40-11SRWA KINGBRIGHT-TA40-11SRWA Datasheet
219Kb / 4P
   101.6mm (4.0 INCH) 5x7 DOT MATRIX DISPLAY
More results

Podobny opis - TA40-11SRWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
L796BID KINGBRIGHT-L796BID Datasheet
119Kb / 5P
   The High Efficiency Red Source Color Devices
KB-H100SRW KINGBRIGHT-KB-H100SRW Datasheet
69Kb / 3P
   The Super Bright Red source color devices
L1553HDT KINGBRIGHT-L1553HDT Datasheet
178Kb / 6P
   The Bright Red Source Color Devices are made with Gallium Phosphide Red Light Emitting Diode
WP710A10ID5V KINGBRIGHT-WP710A10ID5V Datasheet
309Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
WP7113ID5V KINGBRIGHT-WP7113ID5V_13 Datasheet
312Kb / 7P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
PSA08-11EWA KINGBRIGHT-PSA08-11EWA Datasheet
73Kb / 3P
   The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange Light Emitting Diode.
logo
Micro Electronics
MSGB51TAP MICRO-ELECTRONICS-MSGB51TAP Datasheet
161Kb / 3P
   HIGH EFFICIENCY RED/GREEN DUAL COLOR LAMP
MSGB51T MICRO-ELECTRONICS-MSGB51T Datasheet
133Kb / 3P
   HIGH EFFICIENCY RED/GREEN BI-COLOR LAMP
logo
Kingbright Corporation
KPT-1608PBC KINGBRIGHT-KPT-1608PBC Datasheet
95Kb / 4P
   The Blue source Color Devices are made with InGaN on SiCLight Emitting Diode
L-814PWC KINGBRIGHT-L-814PWC Datasheet
80Kb / 3P
   The source color Devices are made with InGaN on SiC Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com