Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESA56-11EWA Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części ESA56-11EWA
Szczegółowy opis  14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

ESA56-11EWA Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  ESA56-11EWA Datasheet HTML 1Page - List of Unclassifed Manufacturers ESA56-11EWA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.eLED.com
DATA NO :EA0358
REV NO :V1
DATE :OCT/13/2001
ESA56-11EWA-1/2
Selection Guide
Note:
1.
θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
ESA56-11EWA
HIGH EFFICIENCY RED
Description
The High Efficiency Red source color devices are made with Gallium Arsenide Phosphide on Gallium Phosphide Orange
Light Emitting Diode.
Features
1.0.56 INCH DIGIT HEIGHT.
2.LOW CURRENT OPERATION.
3.EXCELLENT CHARACTER APPEARANCE.
4.UNIVERSAL
±1.OVERFLOW AVAILABLE.
5.EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
6.I.C. COMPATIBLE.
7.CATEGORIZED FOR LUMINOUS INTENSITY,
YELLOW AND GREEN CATEGORIZED FOR COLOR.
8.MECHANICALLY RUGGED.
9.STANDARD : GRAY FACE, WHITE SEGMENT.
14.2mm (0.56INCH) SINGLE
DIGIT NUMERIC DISPLAY
Package Dimensions & Internal
Circuit Diagram
.
o
N
t
r
a
P.
o
N
t
r
a
P
.
o
N
t
r
a
P
.
o
N
t
r
a
P.
o
N
t
r
a
P
r
o
l
o
C
g
n
i
t
t
i
m
Er
o
l
o
C
g
n
i
t
t
i
m
E
r
o
l
o
C
g
n
i
t
t
i
m
E
r
o
l
o
C
g
n
i
t
t
i
m
Er
o
l
o
C
g
n
i
t
t
i
m
E
l
a
i
r
e
t
a
M
+
λ
)
m
n
(
D)
m
n
(
D
)
m
n
(
D
)
m
n
(
D)
m
n
(
D
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
e
p
y
T
s
n
e
L
e
p
y
T
s
n
e
Le
p
y
T
s
n
e
L
)
d
c
u
(
v
I)
d
c
u
(
v
I
)
d
c
u
(
v
I
)
d
c
u
(
v
I)
d
c
u
(
v
I
A
m
0
1
@
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
D
n
o
i
t
p
i
r
c
s
e
Dn
o
i
t
p
i
r
c
s
e
D
.
n
i
M.
n
i
M .
n
i
M .
n
i
M.
n
i
M.
p
y
T.
p
y
T
.
p
y
T
.
p
y
T.
p
y
T
A
W
E
1
1
-
6
5
A
S
EP
a
G
/
P
s
A
a
G5
2
6D
E
S
U
F
F
I
D
E
T
I
H
W0
0
9
10
0
4
6
,
e
d
o
n
A
n
o
m
m
o
C
l
a
m
i
c
e
D
d
n
a
H
.
t
R


Podobny numer części - ESA56-11EWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fuji Electric
ESAB33 FUJI-ESAB33 Datasheet
69Kb / 4P
   FAST RECOVERY DIODE
logo
List of Unclassifed Man...
ESAB33-02CS ETC-ESAB33-02CS Datasheet
70Kb / 3P
   FAST RECOVERY DIODE
logo
Fuji Electric
ESAB33CS FUJI-ESAB33CS Datasheet
69Kb / 4P
   FAST RECOVERY DIODE
logo
List of Unclassifed Man...
ESAB33CS ETC-ESAB33CS Datasheet
70Kb / 3P
   FAST RECOVERY DIODE
logo
Fuji Electric
ESAB34M FUJI-ESAB34M Datasheet
69Kb / 4P
   FAST RECOVERY DIODE
More results

Podobny opis - ESA56-11EWA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kingbright Corporation
SA56-51PBWA-A KINGBRIGHT-SA56-51PBWA-A Datasheet
209Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA_07 Datasheet
189Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11SURKWA KINGBRIGHT-SC56-11SURKWA Datasheet
349Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11EWA KINGBRIGHT-SC56-11EWA Datasheet
62Kb / 3P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-11YWA KINGBRIGHT-SC56-11YWA Datasheet
188Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11GWA KINGBRIGHT-SA56-11GWA Datasheet
187Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-21YWA KINGBRIGHT-SA56-21YWA_11 Datasheet
226Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SC56-21GWA KINGBRIGHT-SC56-21GWA_11 Datasheet
225Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SYKWA KINGBRIGHT-SA56-11SYKWA Datasheet
347Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11SRWA KINGBRIGHT-SA56-11SRWA Datasheet
130Kb / 4P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com