Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KFM1216Q2M Arkusz danych(PDF) 9 Page - Samsung semiconductor

Numer części KFM1216Q2M
Szczegółowy opis  FLASH MEMORY
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFM1216Q2M Arkusz danych(HTML) 9 Page - Samsung semiconductor

Back Button KFM1216Q2M Datasheet HTML 5Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 6Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 7Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 8Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 9Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 10Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 11Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 12Page - Samsung semiconductor KFM1216Q2M Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
MuxOneNAND512(KFM1216Q2M)
FLASH MEMORY
9
2. GENERAL DESCRIPTION
MuxOneNAND is a single-die chip with Muxed NOR Flash interface using NAND Flash Array. This device is comprised of logic and
NAND Flash Array and 5KB internal BufferRAM. 1KB BootRAM is used for reserving bootcode, and 4KB DataRAM is used for buff-
ering data. The operating clock frequency is up to 54MHz(1.8V device). This device is X16 interface with Host, and has the speed of
~76ns random access time. Actually, it is accessible with minimum 4clock latency(host-driven clock for synchronous read), but this
device adopts the appropriate wait cycles by programmable read latency. MuxOneNAND provides the multiple sector read operation
by assigning the number of sectors to be read in the sector counter register. The device includes one block sized OTP(One Time
Programmable), which can be used to increase system security or to provide identification capabilities.


Podobny numer części - KFM1216Q2M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PACELEADER INDUSTRIAL
KFM10100C-D PACELEADER-KFM10100C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM10150C-D PACELEADER-KFM10150C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM10200C-D PACELEADER-KFM10200C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM1020C-D PACELEADER-KFM1020C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
KFM1030C-D PACELEADER-KFM1030C-D Datasheet
310Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - KFM1216Q2M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com