Zakładka z wyszukiwarką danych komponentów |
|
LM385-2.5CUBG Arkusz danych(PDF) 1 Page - Analog Intergrations Corporation |
|
LM385-2.5CUBG Arkusz danych(HTML) 1 Page - Analog Intergrations Corporation |
1 / 7 page LM385-2.5/LM385B-2.5 Micropower Voltage Reference Analog Integrations Corporation 4F, 9 Industry E. 9th Rd, Science-Based Industrial Park, Hsinchu, Taiwan DS-385C-01 012102 TEL: 886-3-5772500 FAX: 886-3-5772510 w ww.analog.com.tw 1 n FEATURES l Operating Current from 20 µA to 20mA. l Low Temperature Coefficient. l 1% and 2% Initial Tolerance. l Low Dynamic Impedance. n APPLICATIONS l Portable, Battery-Powered Equipment. l Instrumentation. l Process Control. l Energy Management. l Product Testing. l Automotive. l Precision Audio Components. n DESCRIPTION The LM385-2.5 is a micropower 2-terminal band- gap voltage reference, which can operate in a 20 µA to 20mA current range, they feature excep- tionally low dynamic impedance and good tem- perature stability. On-chip trimming is used to achieve tight voltage tolerance. Since the LM385- 2.5 bandgap reference uses only transistors and resistors, low noise and good long-term stability result. Careful design of the LM385-2.5 has made the de- vice exceptionally tolerant of capacitive loading, making it easy to use in almost any reference ap- plication. The wide dynamic operating range al- lows for its use with widely varying supplies with excellent regulation. The extremely low power drain of the LM385-2.5 makes it useful for micropower circuitry. This volt- age reference can be used to make portable me- ters, regulators, or general purpose analog circui- try with battery life approaching shelf life. Further, the wide operating current allows it to replace older references with a tighter tolerance. n TYPICAL APPLICATION CIRCUIT 2.5V + RS VIN LM385-2.5 - Precision 2.500V Voltage Reference |
Podobny numer części - LM385-2.5CUBG |
|
Podobny opis - LM385-2.5CUBG |