Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM385-2.5CSTB Arkusz danych(PDF) 3 Page - Analog Intergrations Corporation

Numer części LM385-2.5CSTB
Szczegółowy opis  Micropower Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIC [Analog Intergrations Corporation]
Strona internetowa  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LM385-2.5CSTB Arkusz danych(HTML) 3 Page - Analog Intergrations Corporation

  LM385-2.5CSTB Datasheet HTML 1Page - Analog Intergrations Corporation LM385-2.5CSTB Datasheet HTML 2Page - Analog Intergrations Corporation LM385-2.5CSTB Datasheet HTML 3Page - Analog Intergrations Corporation LM385-2.5CSTB Datasheet HTML 4Page - Analog Intergrations Corporation LM385-2.5CSTB Datasheet HTML 5Page - Analog Intergrations Corporation LM385-2.5CSTB Datasheet HTML 6Page - Analog Intergrations Corporation LM385-2.5CSTB Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LM385-2.5/LM385B-2.5
3
n ELECTRICAL CHARACTERISTICS (T
A=25
°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage
IR=100µA
LM385B-2.5
LM385-2.5
VR
2.475
2.450
2.500
2.500
2.525
2.550
V
20
µA≤IR ≤1mA
∆VR
2
mV
Reverse Breakdown Voltage
Change with Current
1mA
≤IR ≤20mA
∆VR
20
mV
Reverse Dynamic Impedance IR=100µA, f=20Hz
ZR
1
Minimum Operating Current
IRMIN
13
20
µA
Wideband Noise (rms)
IR=100µA,
10Hz
≤ f ≤10KHz
eN
120
µVrms
Average Temperature
Coefficient (Note)
IR=100µA
αVR
100
ppm/
°C
Long Term Stability
IR=100µA, T=1000Hrs,
TA=25°C
∆VR /∆t
20
ppm
Note :
The average temperature coefficient is defined as the maximum deviation of reverse breakdown voltage
at all measured temperatures from TMIN to TMAX, divided by TMAX - TMIN. The measured temperatures are
0
°C, 25°C, 50°C and 70°C.


Podobny numer części - LM385-2.5CSTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM385-2.5 NSC-LM385-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM385-2.5 TI-LM385-2.5 Datasheet
263Kb / 14P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
logo
Linear Technology
LM385-2.5 LINER-LM385-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM385-2.5 TI-LM385-2.5 Datasheet
669Kb / 18P
[Old version datasheet]   MICROPOWER VOLTAGE REFERENCES
More results

Podobny opis - LM385-2.5CSTB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com