Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD-700-LAF-GEB-XX.XXX Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części CD-700-LAF-GEB-XX.XXX
Szczegółowy opis  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

CD-700-LAF-GEB-XX.XXX Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  CD-700-LAF-GEB-XX.XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers CD-700-LAF-GEB-XX.XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers CD-700-LAF-GEB-XX.XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers CD-700-LAF-GEB-XX.XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers CD-700-LAF-GEB-XX.XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers CD-700-LAF-GEB-XX.XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers CD-700-LAF-GEB-XX.XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers CD-700-LAF-GEB-XX.XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers CD-700-LAF-GEB-XX.XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
Website: www.vectron.com
Page 2 of 14
Rev : 06Jul05
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Output Frequency (ordering option)
OUT1, 5.0 V option
OUT1, 3.3 V option
1.000
1.000
77.760
77.760
MHz
MHz
Supply Voltage
1
+5.0
+3.3
VDD
4.5
2.97
5.0
3.3
5.5
3.63
V
V
Supply Current
IDD
63
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Output Transition Times
Rise Time
2
Fall Time
2
tR
tF
5
5
ns
ns
Input Logic Levels
Output Logic High
2
Output Logic Low
2
VIH
VIL
2.0
0.5
V
V
Loss of Signal Indication
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Nominal Frequency on Loss of Signal
Output 1
Output 2
±75
±75
ppm
ppm
Symmetry or Duty Cycle
3
Out 1
Out 2
RCLK
SYM1
SYM2
RCLK
40/60
45/55
40/60
%
%
%
Absolute Pull Range (ordering option)
over operating temperature, aging, and
power supply variations
APR
±50
±80
±100
ppm
Test Conditions for APR (+5.0 V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3 V option)
VC
0.3
3.0
V
Gain Transfer
Positive
Phase Detector Gain
+5V option
+3.3V option
0.53
0.35
rad/V
rad/V
Operating temperature (ordering option)
0/70 or –40/85
°C
Control Voltage Leakage Current
IVCXO
±1
uA
1. A 0.01uF and 0.1uF parallel capacitor should be located as close to pin 14 as possible (and grounded).
2. Figure 2 defines these parameters. Figure 3 illustrates the equivalent five gate TTL load and operating conditions under which
these parameters are tested and specified. Loads greater than 15 pF will adversely effect rise/fall time as well as symmetry.
3. Symmetry is defined as (ON TIME/PERIOD with Vs=1.4 V for both 5.0 V and 3.3 V operation.
Figure 2. Output Waveform
Figure 3. OUT1, OUT2, RCLK, RDATA
Test Conditions (25
±5°C)
80
%
1.4V
20
%
tF
tR
Period
On Time
+
-
+
-
IC
VC
13
.1µF
.01
µF
15pF
14
16
IDD
650
VDD
1.8k
7


Podobny numer części - CD-700-LAF-GEB-XX.XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
CD-700-LAF-GEB-77.760 VECTRON-CD-700-LAF-GEB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

Podobny opis - CD-700-LAF-GEB-XX.XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL