Zakładka z wyszukiwarką danych komponentów |
|
HLMP-6000-G0000 Arkusz danych(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HLMP-6000-G0000 Arkusz danych(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 16 page 7 High Efficiency Red Device HLMP- Parameter Symbol Min. Typ. Max. Units Test Conditions P202-F00xx 1.0 5.0 P205-F00xx 1.0 8.0 P205-JK000 4.0 12.5 IF = 10 mA 6300-F00xx 1.0 10.0 6300-KL000 Luminous Intensity[1] IV 6.3 20.0 mcd 6305-L00xx 10.0 40.0 7000-D00xx 0.4 1.0 IF = 2 mA 6600-G00xx 1.6 5.0 VF = 5.0 Volts 6620-F00xx 1.0 2.0 All Forward Voltage VF 1.5 1.8 3.0 V IF = 10 mA (Nonresistor Lamps) 6600 Forward Current IF 9.6 13.0 mA VF = 5.0 V 6620 (Resistor Lamps) 3.5 5.0 All Reverse Breakdown Voltage VR 5.0 30.0 V IR = 100 µA P205 125 6305 Included Angle Between 2q1/2 28 Deg. All Diffused Half Intensity Points[2] 90 Peak Wavelength lPEAK 635 nm Measured at Peak Dominant Wavelength[3] ld 626 nm Spectral Line Half Width Dl1/2 40 nm All Speed of Response ts 90 ns Capacitance C 11 pF VF = 0; f = 1 MHz Thermal Resistance RqJ-PIN 170 °C/W Junction-to-Cathode Lead Luminous Efficacy[4] hv 145 lm/W |
Podobny numer części - HLMP-6000-G0000 |
|
Podobny opis - HLMP-6000-G0000 |