Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C6202BGLS167 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SM320C6202BGLS167
Szczegółowy opis  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SM320C6202BGLS167 Arkusz danych(HTML) 1 Page - Texas Instruments

  SM320C6202BGLS167 Datasheet HTML 1Page - Texas Instruments SM320C6202BGLS167 Datasheet HTML 2Page - Texas Instruments SM320C6202BGLS167 Datasheet HTML 3Page - Texas Instruments SM320C6202BGLS167 Datasheet HTML 4Page - Texas Instruments SM320C6202BGLS167 Datasheet HTML 5Page - Texas Instruments SM320C6202BGLS167 Datasheet HTML 6Page - Texas Instruments SM320C6202BGLS167 Datasheet HTML 7Page - Texas Instruments SM320C6202BGLS167 Datasheet HTML 8Page - Texas Instruments SM320C6202BGLS167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
TMS320C6211, TMS320C6211B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS073K − AUGUST 1998 − REVISED MARCH 2004
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Excellent Price/Performance Digital Signal
Processors (DSPs): TMS320C62x
(TMS320C6211 and TMS320C6211B)
− Eight 32-Bit Instructions/Cycle
− C6211, C6211B, C6711, and C6711B are
Pin-Compatible
− 150-, 167-MHz Clock Rates
− 6.7-, 6-ns Instruction Cycle Time
− 1200, 1333 MIPS
− Extended Temperature Device (C6211B)
D VelociTI Advanced Very Long Instruction
Word (VLIW) C62x DSP Core (C6211/11B)
− Eight Highly Independent Functional
Units:
− Six ALUs (32-/40-Bit)
− Two 16-Bit Multipliers (32-Bit Results)
− Load-Store Architecture With 32 32-Bit
General-Purpose Registers
− Instruction Packing Reduces Code Size
− All Instructions Conditional
D Instruction Set Features
− Byte-Addressable (8-, 16-, 32-Bit Data)
− 8-Bit Overflow Protection
− Saturation
− Bit-Field Extract, Set, Clear
− Bit-Counting
− Normalization
D L1/L2 Memory Architecture
− 32K-Bit (4K-Byte) L1P Program Cache
(Direct Mapped)
− 32K-Bit (4K-Byte) L1D Data Cache
(2-Way Set-Associative)
− 512K-Bit (64K-Byte) L2 Unified Mapped
RAM/Cache
(Flexible Data/Program Allocation)
D Device Configuration
− Boot Mode: HPI, 8-, 16-, and 32-Bit ROM
Boot
− Endianness: Little Endian, Big Endian
D 32-Bit External Memory Interface (EMIF)
− Glueless Interface to Asynchronous
Memories: SRAM and EPROM
− Glueless Interface to Synchronous
Memories: SDRAM and SBSRAM
− 512M-Byte Total Addressable External
Memory Space
D Enhanced Direct-Memory-Access (EDMA)
Controller (16 Independent Channels)
D 16-Bit Host-Port Interface (HPI)
− Access to Entire Memory Map
D Two Multichannel Buffered Serial Ports
(McBSPs)
− Direct Interface to T1/E1, MVIP, SCSA
Framers
− ST-Bus-Switching Compatible
− Up to 256 Channels Each
− AC97-Compatible
− Serial-Peripheral-Interface (SPI)
Compatible (Motorola)
D Two 32-Bit General-Purpose Timers
D Flexible Phase-Locked-Loop (PLL) Clock
Generator
D IEEE-1149.1 (JTAG)
Boundary-Scan-Compatible
D 256-Pin Ball Grid Array (BGA) Package
(GFN Suffix)
D 0.18-µm/5-Level Metal Process
− CMOS Technology
D 3.3-V I/Os, 1.8-V Internal
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright  2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
TMS320C62x, VelociTI, and C62x are trademarks of Texas Instruments.
Motorola is a trademark of Motorola, Inc.
All trademarks are the property of their respective owners.
IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.


Podobny numer części - SM320C6202BGLS167

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C6202-EP TI1-SM320C6202-EP Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6202GJLA20EP TI1-SM320C6202GJLA20EP Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Podobny opis - SM320C6202BGLS167

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com