Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PI74ALVCH16271 Arkusz danych(PDF) 6 Page - Pericom Semiconductor Corporation

Numer części PI74ALVCH16271
Szczegółowy opis  12-Bit To 24-Bit Multiplexed Bus Exchanger with 3-State Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PERICOM [Pericom Semiconductor Corporation]
Strona internetowa  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74ALVCH16271 Arkusz danych(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74ALVCH16271 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74ALVCH16271 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74ALVCH16271 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74ALVCH16271 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74ALVCH16271 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74ALVCH16271 Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PS8360
02/02/99
PI74ALVCH16271
12-Bit To 24-Bit Multiplexed Bus Exchanger with 3-State Outputs
Operating Characteristics, TA= 25°C
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com
r
e
t
e
m
a
r
a
P
t
s
e
T
s
n
o
it
i
d
n
o
C
V
5
.
2
=
c
c
V
V
2
.
0
±
V
3
.
3
=
c
c
V
V
3
.
0
±
s
ti
n
U
l
a
c
i
p
y
Tl
a
c
i
p
y
T
C d
p
e
c
n
a
ti
c
a
p
a
C
n
o
it
a
p
i
s
si
D
r
e
w
o
P
B
o
t
A
d
el
b
a
n
E
st
u
p
t
u
O
CL
,
F
p
0
5
=
z
H
M
0
1
=
f
2
95
0
1
F
p
d
el
b
a
si
D
st
u
p
t
u
O1
66
7
A
o
t
B
d
el
b
a
n
E
st
u
p
t
u
O9
33
4
d
el
b
a
si
D
st
u
p
t
u
O1
13
1


Podobny numer części - PI74ALVCH16271

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pericom Semiconductor C...
PI74ALVCH16270 PERICOM-PI74ALVCH16270 Datasheet
156Kb / 5P
   12-Bit To 24-Bit Registered Bus Exchanger with 3-State Outputs
More results

Podobny opis - PI74ALVCH16271

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALVCH16271 TI-SN74ALVCH16271 Datasheet
136Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16271 TI-SN74ALVCH16271_04 Datasheet
221Kb / 15P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com