Zakładka z wyszukiwarką danych komponentów |
|
SI7943DP Arkusz danych(PDF) 1 Page - Vishay Siliconix |
|
SI7943DP Arkusz danych(HTML) 1 Page - Vishay Siliconix |
1 / 3 page 3 SPICE Device Model Si7943DP Vishay Siliconix This document is intended as a SPICE modeling guideline and does not constitute a commercial product data sheet. Designers should refer to the appropriate data sheet of the same number for guaranteed specification limits. Document Number: 70699 www.vishay.com 31-May-04 1 Dual P-Channel 30-V (D-S) MOSFET CHARACTERISTICS • P-Channel Vertical DMOS • Macro Model (Subcircuit Model) • Level 3 MOS • Apply for both Linear and Switching Application • Accurate over the −55 to 125°C Temperature Range • Model the Gate Charge, Transient, and Diode Reverse Recovery Characteristics DESCRIPTION The attached spice model describes the typical electrical characteristics of the p-channel vertical DMOS. The subcircuit model is extracted and optimized over the −55 to 125°C temperature ranges under the pulsed 0 to 10V gate drive. The saturated output impedance is best fit at the gate bias near the threshold voltage. A novel gate-to-drain feedback capacitance network is used to model the gate charge characteristics while avoiding convergence difficulties of the switched Cgd model. All model parameter values are optimized to provide a best fit to the measured electrical data and are not intended as an exact physical interpretation of the device. SUBCIRCUIT MODEL SCHEMATIC |
Podobny numer części - SI7943DP |
|
Podobny opis - SI7943DP |