Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5231BRU10 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD5231BRU10
Szczegółowy opis  Nonvolatile Memory Digital Potentiometers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5231BRU10 Arkusz danych(HTML) 4 Page - Analog Devices

  AD5231BRU10 Datasheet HTML 1Page - Analog Devices AD5231BRU10 Datasheet HTML 2Page - Analog Devices AD5231BRU10 Datasheet HTML 3Page - Analog Devices AD5231BRU10 Datasheet HTML 4Page - Analog Devices AD5231BRU10 Datasheet HTML 5Page - Analog Devices AD5231BRU10 Datasheet HTML 6Page - Analog Devices AD5231BRU10 Datasheet HTML 7Page - Analog Devices AD5231BRU10 Datasheet HTML 8Page - Analog Devices AD5231BRU10 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRELIMINARY TECHNICAL DATA
Nonvolatile Memory Digital Potentiometers
AD5231/AD5232/AD5233
REV PrF
4
22 MAR '01
Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa
Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com
Absolute Maximum Rating (TA = +25°C, unless
otherwise noted)
VDD to GND ..............................................................-0.3, +7V
VSS to GND .................................................................0V, -7V
VDD to VSS .........................................................................+7V
VA, VB, VW to GND..................................................VSS, VDD
AX – BX, AX – WX, BX – WX
Intermittent ................................................... ±20mA
Continuous................................................... ±1.3mA
Ox to GND .................................................................. 0V, VDD
Digital Inputs & Output Voltage to GND .................. 0V, +7V
Operating Temperature Range ........................ -40°C to +85°C
Maximum Junction Temperature (TJ MAX) .................. +150°C
Storage Temperature ..................................... -65°C to +150°C
Lead Temperature (Soldering, 10 sec) ......................... +300°C
Package Power Dissipation ........................ (TJMAX - TA) / θJA
Thermal Resistance
θ
JA,
TSSOP-16 ..................................................... 150°C/W
TSSOP-24 ..................................................... 128°C/W
Ordering Guide
Number of
End to End
Temp
Package
Package
#Devices
Top Mark
Model
Channels
R (k Ohm)
Range
Description
Option
per Container
AD5231BRU10
X1
10
-40/+85°C
TSSOP-16
RU-16
AD5231BRU10-REEL7
X1
10
-40/+85°C
TSSOP-16
RU-16
1,000
AD5231BRU50
X1
50
-40/+85°C
TSSOP-16
RU-16
AD5231BRU50-REEL7
X1
50
-40/+85°C
TSSOP-16
RU-16
1,000
AD5231BRU100
X1
100
-40/+85°C
TSSOP-16
RU-16
AD5231BRU100-REEL7
X1
100
-40/+85°C
TSSOP-16
RU-16
1,000
AD5232BRU10
X2
10
-40/+85°C
TSSOP-16
RU-16
AD5232BRU10-REEL7
X2
10
-40/+85°C
TSSOP-16
RU-16
1,000
AD5232BRU50
X2
50
-40/+85°C
TSSOP-16
RU-16
AD5232BRU50-REEL7
X2
50
-40/+85°C
TSSOP-16
RU-16
1,000
AD5232BRU100
X2
100
-40/+85°C
TSSOP-16
RU-16
AD5232BRU100-REEL7
X2
100
-40/+85°C
TSSOP-16
RU-16
1,000
AD5233BRU10
X4
10
-40/+85°C
TSSOP-24
RU-24
AD5233BRU10-REEL7
X4
10
-40/+85°C
TSSOP-24
RU-24
AD5233BRU50
X4
50
-40/+85°C
TSSOP-24
RU-24
AD5233BRU50-REEL7
X4
50
-40/+85°C
TSSOP-24
RU-24
AD5233BRU100
X4
100
-40/+85°C
TSSOP-24
RU-24
AD5233BRU100-REEL7
X4
100
-40/+85°C
TSSOP-24
RU-24
The AD5231/AD5232/AD5233 contains 9,646 transistors.
Die size: 69 mil x 115 mil, 7,993 sq. mil


Podobny numer części - AD5231BRU10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5231BRU10 AD-AD5231BRU10 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU10 AD-AD5231BRU10 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231BRU10-REEL7 AD-AD5231BRU10-REEL7 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU10-REEL7 AD-AD5231BRU10-REEL7 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231BRU100 AD-AD5231BRU100 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
More results

Podobny opis - AD5231BRU10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com