Zakładka z wyszukiwarką danych komponentów |
|
FPT-208P-M06 Arkusz danych(PDF) 1 Page - Fujitsu Component Limited. |
|
FPT-208P-M06 Arkusz danych(HTML) 1 Page - Fujitsu Component Limited. |
|
1 / 1 page The contents of this document are subject to change without notice. Customers are advised to consult with FUJITSU sales representatives before ordering. FUJITSU is unable to assume responsibility for infringement of any patent rights or other rights of third parties arising from the use of the information or package dimensions in this document. FUJITSU SEMICONDUCTOR DATA SHEET LOW PROFILE QUAD FLAT PACKAGE 208 PIN PLASTIC 208-pin plastic LQFP Lead pitch 0.50 mm Package width × package length 28.0 × 28.0 mm Lead shape Gullwing Sealing method Plastic mold Mounting height 1.70 mm MAX Weight 2.55g Code (Reference) P-LFQFP208-28 ×28-0.50 208-pin plastic LQFP (FPT-208P-M06) (FPT-208P-M06) C 2003 FUJITSU LIMITED F208027S-c-3-3 Details of "A" part 0.25(.010) (Stand off) (.004±.002) 0.10±0.05 (.024±.006) 0.60±0.15 1.50 +0.20 –0.10 +.008 –.004 .059 0˚~8˚ "A" 0.08(.003) (.006±.002) 0.145±0.055 INDEX 1 LEAD No. 52 53 104 105 156 157 208 0.50(.020) 0.08(.003) M (.009±.002) 0.22±0.05 28.00±0.10(1.102±.004)SQ 30.00±0.20(1.181±.008)SQ (Mounting height) * Dimensions in mm (inches). Note: The values in parentheses are reference values. FPT-208P-M06 0212 Note 1) * : These dimensions do not include resin protrusion. Note 2) Pins width and pins thickness include plating thickness. Note 3) Pins width do not include tie bar cutting remainder. |
Podobny numer części - FPT-208P-M06 |
|
Podobny opis - FPT-208P-M06 |