Zakładka z wyszukiwarką danych komponentów |
|
HCPL-5700 Arkusz danych(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HCPL-5700 Arkusz danych(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 12 page 5 Hermetic Optocoupler Options Option Description 100 200 300 600 Lead finish is solder dipped rather than gold plated. This option is available on commercial and hi-rel product in 8 and 16 pin DIP. DSCC Drawing part numbers contain provisions for lead finish. All leadless chip carrier devices are delivered with solder dipped terminals as a standard feature. Surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is available on commercial and hi-rel product in 8 and 16 pin DIP (see drawings below for details). Contact factory for the availability of this option on DSCC part types. Surface mountable hermetic optocoupler with leads cut and bent for gull wing assembly. This option is available on commercial and hi-rel product in 8 and 16 pin DIP (see drawings below for details). This option has solder dipped leads. Surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is available on commercial and hi-rel product in 8 and 16 pin DIP (see drawings below for details). 1.14 (0.045) 1.40 (0.055) 4.32 (0.170) MAX. 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 1.14 (0.045) 1.40 (0.055) 4.32 (0.170) MAX. 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 7.36 (0.290) 7.87 (0.310) 0.20 (0.008) 0.33 (0.013) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). 1.40 (0.055) 1.65 (0.065) 4.57 (0.180) MAX. 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 3.81 (0.150) MIN. 1.14 (0.045) 1.25 (0.049) 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 7.36 (0.290) 7.87 (0.310) 0.20 (0.008) 0.33 (0.013) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). 3.81 (0.150) MAX. 1.02 (0.040) TYP. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 0.51 (0.020) MIN. 4.57 (0.180) MAX. 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 1.40 (0.055) 1.65 (0.065) 9.65 (0.380) 9.91 (0.390) 5° MAX. 4.57 (0.180) MAX. 0.20 (0.008) 0.33 (0.013) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). |
Podobny numer części - HCPL-5700 |
|
Podobny opis - HCPL-5700 |