Zakładka z wyszukiwarką danych komponentów |
|
6N140A-200 Arkusz danych(PDF) 2 Page - Agilent(Hewlett-Packard) |
|
6N140A-200 Arkusz danych(HTML) 2 Page - Agilent(Hewlett-Packard) |
2 / 12 page 2 These devices have a 300% minimum CTR at an input current of only 0.5 mA making them ideal for use in low input current applications such as MOS, CMOS, low power logic interfaces or line receivers. Compatibility with high voltage CMOS logic systems is assured by specifying ICCH and IOH at 18 Volts. Upon special request, the follow- ing device selections can be made: CTR minimum of up to 600% at 0.5 mA, and lower output leakage current levels to 100 µA. Package styles for these parts are 8 and 16 pin DIP through hole (case outlines P and E respec- tively), 16 pin DIP flat pack (case outline F), and leadless ceramic chip carrier (case outline 2). Devices may be purchased with a variety of lead bend and plating options. See Selection Guide table for details. Standard Military Drawing (SMD) parts are available for each package and lead style. Because the same electrical die (emitters and detectors) are used for each channel of each device listed in this data sheet, absolute maximum ratings, recommended operating conditions, electrical specifications, and performance characteristics shown in the figures are similar for all parts except as noted. Additionally, the same package assembly processes and materials are used in all devices. These similarities justify the use of a common data base for die related reliability and certain limited radiation test results. Selection Guide-Package Styles and Lead Configuration Options 16 pin 20 Pad Package 16 pin DIP 8 pin DIP 8 pin DIP Flat Pack LCCC Lead Style Through Hole Through Hole Through Hole Unformed Leads Surface Mount Channels 4 1 2 4 2 Common Channel Wiring VCC, GND None VCC, GND VCC, GND None Agilent Part # & Options Commercial 6N140A* HCPL-5700 HCPL-5730 HCPL-6750 HCPL-6730 MIL-PRF-38534 Class H 6N140A/883B HCPL-5701 HCPL-5731 HCPL-6751 HCPL-6731 MIL-PRF-38534 Class K HCPL-177K HCPL-570K HCPL-573K HCPL-675K HCPL-673K Standard Lead Finish Gold Plate Gold Plate Gold Plate Gold Plate Solder Pads Solder Dipped Option #200 Option #200 Option #200 Butt Cut/Gold Plate Option #100 Option #100 Option #100 Gull Wing/Soldered Option #300 Option #300 Option #300 Crew Cut/Gold Plate Option #600 Option #600 Option #600 Class H SMD Part # Prescript for all below None 5962- 5962- None 5962- Either Gold or Solder 8302401EX 8981001PX 8978501PX 8302401FX 89785022X Gold Plate 8302401EC 8981001PC 8978501PC 8302401FC Solder Dipped 8302401EA 8981001PA 8978501PA 89785022A Butt Cut/Gold Plate 8302401YC 8981001YC 8978501YC Butt Cut/Soldered 8302401YA 8981001YA 8978501YA Gull Wing/Soldered 8302401XA 8981001XA 8978501ZA Crew Cut/Gold Plate 8302401ZC Available Available Crew Cut/Soldered 8302401ZA Available Available Class K SMD Part # Prescript for all below 5962- 5962- 5962- 5962- 5962- Either Gold or Solder 9800201KEX 8981002KPX 8978503KPX 9800201KFX 8978504K2X Gold Plate 9800201KEC 8981002KPC 8978503KPC 9800201KFC Solder Dipped 9800201KEA 8981002KPA 8978503KPA 8978504K2A Butt Cut/Gold Plate 9800201KYC 8981002KYC 8978503KYC Butt Cut/Soldered 9800201KYA 8981002KYA 8978503KYA Gull Wing/Soldered 9800201KXA 8981002KXA 8978503KZA Crew Cut/Gold Plate 9800201KZC Available Available Crew Cut/Soldered 9800201KZA Available Available *JEDEC registered part. |
Podobny numer części - 6N140A-200 |
|
Podobny opis - 6N140A-200 |