Zakładka z wyszukiwarką danych komponentów |
|
74HCT14D Arkusz danych(PDF) 9 Page - NXP Semiconductors |
|
74HCT14D Arkusz danych(HTML) 9 Page - NXP Semiconductors |
9 / 23 page 2003 Oct 30 9 Philips Semiconductors Product specification Hex inverting Schmitt trigger 74HC14; 74HCT14 Type 74HCT14 At recommended operating conditions; voltages are referenced to GND (ground=0V). Note 1. All typical values are measured at Tamb =25 °C. SYMBOL PARAMETER TEST CONDITIONS MIN. TYP.(1) MAX. UNIT OTHER VCC (V) Tamb =25 °C VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 4.5 4.4 4.5 − V IO = −4.0 mA 4.5 3.98 4.32 − V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 4.5 − 0 0.1 V IO = 4.0 mA 4.5 − 0.15 0.26 V ILI input leakage current VI =VCC or GND 5.5 −− 0.1 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 2.0 µA ∆I CC additional supply current per input VI =VCC − 2.1 V; IO = 0 4.5 to 5.5 − 30 108 µA Tamb = −40 to +85 °C VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 4.5 4.4 −− V IO = −4.0 mA 4.5 3.84 −− V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 4.5 −− 0.1 V IO = 4.0 mA 4.5 −− 0.33 V ILI input leakage current VI =VCC or GND 5.5 −− 1.0 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 20 µA ∆I CC additional supply current per input VI =VCC − 2.1 V; IO = 0 4.5 to 5.5 −− 135 µA Tamb = −40 to +125 °C VOH HIGH-level output voltage VI =VIH or VIL IO = −20 µA 4.5 4.4 −− V IO = −4.0 mA 4.5 3.7 −− V VOL LOW-level output voltage VI =VIH or VIL IO =20 µA 4.5 −− 0.1 V IO = 4.0 mA 4.5 −− 0.4 V ILI input leakage current VI =VCC or GND 5.5 −− 1.0 µA ICC quiescent supply current VI =VCC or GND; IO =0 5.5 −− 40 µA ∆I CC additional supply current per input VI =VCC − 2.1 V; IO = 0 4.5 to 5.5 −− 147 µA |
Podobny numer części - 74HCT14D |
|
Podobny opis - 74HCT14D |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |