Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT14DB Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części 74HCT14DB
Szczegółowy opis  Hex inverting Schmitt trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT14DB Arkusz danych(HTML) 3 Page - NXP Semiconductors

  74HCT14DB Datasheet HTML 1Page - NXP Semiconductors 74HCT14DB Datasheet HTML 2Page - NXP Semiconductors 74HCT14DB Datasheet HTML 3Page - NXP Semiconductors 74HCT14DB Datasheet HTML 4Page - NXP Semiconductors 74HCT14DB Datasheet HTML 5Page - NXP Semiconductors 74HCT14DB Datasheet HTML 6Page - NXP Semiconductors 74HCT14DB Datasheet HTML 7Page - NXP Semiconductors 74HCT14DB Datasheet HTML 8Page - NXP Semiconductors 74HCT14DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2003 Oct 30
3
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74HC14; 74HCT14
FUNCTION TABLE
Note
1. H = HIGH voltage level;
L = LOW voltage level.
ORDERING INFORMATION
PINNING
INPUT
OUTPUT
nA
nY
LH
HL
TYPE NUMBER
PACKAGE
TEMPERATURE RANGE
PINS
PACKAGE
MATERIAL
CODE
74HC14D
−40 to +125 °C
14
SO14
plastic
SOT108-1
74HCT14D
−40 to +125 °C
14
SO14
plastic
SOT108-1
74HC14DB
−40 to +125 °C
14
SSOP14
plastic
SOT337-1
74HCT14DB
−40 to +125 °C
14
SSOP14
plastic
SOT337-1
74HC14N
−40 to +125 °C
14
DIP14
plastic
SOT27-1
74HCT14N
−40 to +125 °C
14
DIP14
plastic
SOT27-1
74HC14PW
−40 to +125 °C
14
TSSOP14
plastic
SOT402-1
74HCT14PW
−40 to +125 °C
14
TSSOP14
plastic
SOT402-1
74HC14BQ
−40 to +125 °C
14
DHVQFN14
plastic
SOT762-1
74HCT14BQ
−40 to +125 °C
14
DHVQFN14
plastic
SOT762-1
PIN
SYMBOL
DESCRIPTION
1
1A
data input
2
1Y
data output
3
2A
data input
4
2Y
data output
5
3A
data input
6
3Y
data output
7
GND
ground (0 V)
8
4Y
data output
9
4A
data input
10
5Y
data output
11
5A
data input
12
6Y
data output
13
6A
data input
14
VCC
supply voltage


Podobny numer części - 74HCT14DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT14DB NXP-74HCT14DB Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
74HCT14DB NXP-74HCT14DB Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
More results

Podobny opis - 74HCT14DB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com