Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1DU128NAFB-0QC00 Arkusz danych(PDF) 33 Page - Samsung semiconductor

Numer części MC1DU128NAFB-0QC00
Szczegółowy opis  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU128NAFB-0QC00 Arkusz danych(HTML) 33 Page - Samsung semiconductor

Back Button MC1DU128NAFB-0QC00 Datasheet HTML 29Page - Samsung semiconductor MC1DU128NAFB-0QC00 Datasheet HTML 30Page - Samsung semiconductor MC1DU128NAFB-0QC00 Datasheet HTML 31Page - Samsung semiconductor MC1DU128NAFB-0QC00 Datasheet HTML 32Page - Samsung semiconductor MC1DU128NAFB-0QC00 Datasheet HTML 33Page - Samsung semiconductor MC1DU128NAFB-0QC00 Datasheet HTML 34Page - Samsung semiconductor MC1DU128NAFB-0QC00 Datasheet HTML 35Page - Samsung semiconductor MC1DU128NAFB-0QC00 Datasheet HTML 36Page - Samsung semiconductor MC1DU128NAFB-0QC00 Datasheet HTML 37Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
MultiMediaCard
TM
33
data (WP_GRP_SIZE).
CMD29
ac
[31:0] data
address
R1b
CLR_WRITE_PROT
If the card provides write protection
features, this command clears the write
protection bit of the addressed group.
CMD30
adtc
[31:0] write
protect data
address
R1
(7)
SEND_WRITE_PR
OT
If the card provides write protection
features, this command asks the card to
send the status of the write protection bits.
*7
CMD31
Reversed
CMD35
ac
[31:0] data
address
R1
TAG_ERASE_GRO
UP_START
Sets the address of the first erase group
within a range to be selected for erase
CMD36
ac
[31:0]
data
address
R1
TAG_ERASE_GRO
UP_END
Sets the address of the last erase group
within a continuous range to be selected for
erase.
CMD38
ac
[31:0] stuff bits
R1b
ERASE
Erases all previously selected sectors
CMD42
adtc
[31:0] stuff bits
R1b
LOCK_UNLOCK
Used to set/reset the password or
lock/unlock the card. The size of the data
block is set by the SET_BLOCK_LEN
command.
CMD55
ac
[31:16] RCA
[15:0] stuff
bits
R1
APP_CMD
Indicates to the card that the next command
is an application specific command rather
than a standard command
These Samsung MultiMediaCard do not
support this command
CMD56
adtc
[31:1] stuff
bits.
[0]: RD/WR
R1b
GEN_CMD
Used either to transfer a data block to the
card or to get a data block from the card for
general purpose / application specific
commands. The size of the data block shall
be set by the SET_BLOCK_LEN command.
These Samsung MultiMediaCard do not
support this command
Note :
1. CID register consists of 128 bits (starting with MSB, it is preceded by an additional start bit, ends with an end bit)
2. CSD register consists of 128 bits (starting with MSB, it is preceded by an additional start bit, ends with an end
bit)
3. This command is indicating the busy status of the MultiMediaCard via the data channel.
4. The default block length is as specified in the CSD.
5. The data transferred must not cross a physical block boundary unless RD_BLK_MISALIGN is set in the CSD.
6. The data transferred must not cross a physical block boundary unless WRITE_BLK_MISALIGN is set in the CSD.
7. 32 write protection bits (representing 32 write protect groups starting at the specified address followed by 16
CRC bits are transferred in a payload format via the data line. The last (least significant) bit of the protection bits
corresponds to the first addressed group. If the addresses of the last groups are outside the valid range, then the
corresponding write protection bits shall be set to zero.
4.7
Read, Write and Erase Time-out Conditions
The times after which a time-out condition for read/write/erase operations occurs are (card indepen-
dent) 10 times longer than the access/program times for these operations given below. A card shall
complete the command within this time period, or give up and return an error message. If the host does
not get a response within the defined time-out it should assume the card is not going to respond
anymore and try to recover (e.g. reset the card, power cycle, reject, etc.). The typical access and
program times are defined as follows


Podobny numer części - MC1DU128NAFB-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Podobny opis - MC1DU128NAFB-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com