Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3418KRZ-REEL1 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADP3418KRZ-REEL1
Szczegółowy opis  Dual Bootstrapped 12 V MOSFET Driver with Output Disable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3418KRZ-REEL1 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADP3418KRZ-REEL1 Datasheet HTML 7Page - Analog Devices ADP3418KRZ-REEL1 Datasheet HTML 8Page - Analog Devices ADP3418KRZ-REEL1 Datasheet HTML 9Page - Analog Devices ADP3418KRZ-REEL1 Datasheet HTML 10Page - Analog Devices ADP3418KRZ-REEL1 Datasheet HTML 11Page - Analog Devices ADP3418KRZ-REEL1 Datasheet HTML 12Page - Analog Devices ADP3418KRZ-REEL1 Datasheet HTML 13Page - Analog Devices ADP3418KRZ-REEL1 Datasheet HTML 14Page - Analog Devices ADP3418KRZ-REEL1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADP3418
Rev. B | Page 11 of 16
The MOSFET vendor should provide a maximum voltage slew
rate at drain current rating such that this can be designed
around. Once you have this specification, the next step is to
determine the maximum current you expect to see in the
MOSFET. This can be done with the following equation:
()
OUT
MAX
MAX
OUT
DC
MAX
L
f
D
V
VCC
phase
per
I
I
×
×
+
=
)
(
(5)
Here, DMAX is determined for the VR controller being used with
the driver. Please note this current gets divided roughly equally
between MOSFETs if more than one is used (assume a worst-
case mismatch of 30% for design margin). LOUT is the output
inductor value.
When producing your design, there is no exact method for
calculating the dV/dt due to the parasitic effects in the external
MOSFETs as well as the PCB. However, it can be measured to
determine if it is safe. If it appears the dV/dt is too fast, an
optional gate resistor can be added between DRVH and the
high-side MOSFETs. This resistor will slow down the dV/dt, but
it will also increase the switching losses in the high-side
MOSFETs. The ADP3418 has been optimally designed with an
internal drive impedance that will work with most MOSFETs to
switch them efficiently yet minimize dV/dt. However, some
high-speed MOSFETs may require this external gate resistor
depending on the currents being switched in the MOSFET.
Low-Side (Synchronous) MOSFETs
The low-side MOSFETs are usually selected to have a low on-
resistance to minimize conduction losses. This usually implies a
large input gate capacitance and gate charge. The first concern is
to make sure the power delivery from the ADP3418’s DRVL
does not exceed the thermal rating of the driver (see the Flex-
mode controller data sheet for details).
The next concern for the low-side MOSFETs is based on
preventing them from inadvertently being switched on when
the high-side MOSFET turns on. This occurs due to the drain-
gate (Miller, also specified as Crss) capacitance of the MOSFET.
When the drain of the low-side MOSFET is switched to VCC by
the high-side turning on (at a rate dV/dt), the internal gate of
the low-side MOSFET will be pulled up by an amount roughly
equal to VCC × (Crss/Ciss). It is important to make sure this does
not put the MOSFET into conduction.
Another consideration is the non-overlap circuitry of the
ADP3418 which attempts to minimize the non-overlap period.
During the state of the high-side turning off to low-side turning
on, the SW pin is monitored (as well as the conditions of SW
prior to switching) to adequately prevent overlap.
However, during the low-side turn off to high-side turn on, the
SW pin does not contain information for determining the
proper switching time, so the state of the DRVL pin is
monitored to go below one sixth of VCC and then a delay is
added. But due to the Miller capacitance and internal delays of
the low-side MOSFET gate, one must ensure the Miller to input
capacitance ratio is low enough and the low-side MOSFET
internal delays are not large enough to allow accidental turn on
of the low-side when the high-side turns on.
A spreadsheet is available from ADI that will assist the designer
in the proper selection of low-side MOSFETs.


Podobny numer części - ADP3418KRZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3418KRZ-REEL ONSEMI-ADP3418KRZ-REEL Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
More results

Podobny opis - ADP3418KRZ-REEL1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
   Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
logo
ON Semiconductor
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
ADP3418 ONSEMI-ADP3418 Datasheet
308Kb / 13P
   Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
May 2010 ??Rev. 6
NCP3418BDR2G ONSEMI-NCP3418BDR2G Datasheet
255Kb / 9P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
April, 2007 -- Rev. 13
logo
Analog Devices
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
   Dual Bootstrapped 12 V MOSFET Driver with Output Disable
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com