Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX3420E Arkusz danych(PDF) 1 Page - Maxim Integrated Products

Numer części MAX3420E
Szczegółowy opis  USB Peripheral Controller with SPI Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3420E Arkusz danych(HTML) 1 Page - Maxim Integrated Products

  MAX3420E Datasheet HTML 1Page - Maxim Integrated Products MAX3420E Datasheet HTML 2Page - Maxim Integrated Products MAX3420E Datasheet HTML 3Page - Maxim Integrated Products MAX3420E Datasheet HTML 4Page - Maxim Integrated Products MAX3420E Datasheet HTML 5Page - Maxim Integrated Products MAX3420E Datasheet HTML 6Page - Maxim Integrated Products MAX3420E Datasheet HTML 7Page - Maxim Integrated Products MAX3420E Datasheet HTML 8Page - Maxim Integrated Products MAX3420E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX3420E contains the digital logic and analog
circuitry necessary to implement a full-speed USB
peripheral compliant to USB specification rev 2.0. A
built-in full-speed transceiver features ±15kV ESD pro-
tection and programmable USB connect and discon-
nect. An internal SIE (serial-interface engine) handles
low-level USB protocol details such as error checking
and bus retries. The MAX3420E operates using a regis-
ter set accessed by an SPI interface that operates up to
26MHz. Any SPI master (microprocessor, ASIC, DSP,
etc.) can add USB functionality using the simple 3- or
4-wire SPI interface.
Internal level translators allow the SPI interface to run at
a system voltage between 1.71V and 3.6V. USB timed
operations are done inside the MAX3420E with inter-
rupts provided at completion so an SPI master does not
need timers to meet USB timing requirements. The
MAX3420E includes four general-purpose inputs and
outputs so any microprocessor that uses I/O pins to
implement the SPI interface can reclaim the I/O pins
and gain additional ones.
The MAX3420E operates over the extended -40°C to
+85°C temperature range and is available in a 32-pin
TQFP package (7mm x 7mm) and a space-saving 24-
pin TQFN package (4mm x 4mm).
Applications
Features
♦ Microprocessor-Independent USB Solution
♦ Complies with USB Specification Revision 2.0
(Full-Speed Operation)
♦ Integrated Full-Speed USB Transceiver
♦ Firmware/Hardware Control of an Internal D+
Pullup Resistor
♦ Programmable 3- or 4-Wire 26MHz SPI Interface
♦ Level Translators and VL Input Allow Independent
System Interface Voltage
♦ Internal Comparator Detects VBUS for
Self-Powered Applications
♦ ESD Protection on D+, D-, and VBCOMP
♦ Interrupt Output Pin (Level or Programmable
Edge) Allows Polled or Interrupt-Driven SPI
Interface
♦ Intelligent USB Serial Interface Engine (SIE)
Automatically Handles USB Flow Control and
Double Buffering
Handles Low-Level USB Signaling Details
Contains Timers for USB Time-Sensitive
Operations So SPI Master Does Not Need to
Time Events
♦ Built-In Endpoint FIFOs:
EP0: CONTROL (64 Bytes)
EP1: OUT, Bulk or Interrupt, 2 x 64 Bytes
(Double-Buffered)
EP2: IN, Bulk or Interrupt, 2 x 64 Bytes
(Double-Buffered)
EP3: IN, Bulk or Interrupt (64 Bytes)
♦ Double-Buffered Data Endpoints Increase
Throughput by Allowing the SPI Master to
Transfer Data Concurrently with USB Transfers
Over the Same Endpoint
♦ SETUP Data Has Its Own 8-Byte FIFO, Simplifying
Firmware
♦ Four General-Purpose Inputs and Four General-
Purpose Outputs
♦ Space-Saving TQFP and TQFN Packages
USB Peripheral Controller
with SPI Interface
________________________________________________________________ Maxim Integrated Products
1
19-3781; Rev 0; 8/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Cell Phones
PC Peripherals
Microprocessors and
DSPs
Custom USB Devices
Cameras
Desktop Routers
PLCs
Set-Top Boxes
PDAs
MP3 Players
Instrumentation
PART
TEMP RANGE
PIN-
PACKAGE
PACKAGE
CODE
MAX3420EECJ -40°C to +85°C
32 TQFP
7mm x 7mm x
1.4mm
C32-1
MAX3420EETG* -40°C to +85°C
24 TQFN
4mm x 4mm x
0.8mm
T2444-4
Ordering Information
*Future product—contact factory for availability.


Podobny numer części - MAX3420E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3420E MAXIM-MAX3420E Datasheet
203Kb / 9P
   Mates to Keil MCB2130 Development Board
Rev 0; 12/06
MAX3420E MAXIM-MAX3420E Datasheet
179Kb / 10P
   Four GPI Port-Connected Pushbuttons
Rev 0; 12/06
MAX3420EECJ++ MAXIM-MAX3420EECJ+ Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3420EETG++ MAXIM-MAX3420EETG+ Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
More results

Podobny opis - MAX3420E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
   USB Peripheral Controller with SPI Interface
Rev 5; 11/15
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_07 Datasheet
371Kb / 32P
   USB Peripheral/Host Controller with SPI Interface
Rev 3; 7/07
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
logo
ATMEL Corporation
AT25020A ATMEL-AT25020A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT45DB041B ATMEL-AT45DB041B_14 Datasheet
610Kb / 35P
   Serial Peripheral Interface (SPI) Compatible
AT25040A ATMEL-AT25040A_14 Datasheet
469Kb / 17P
   Serial Peripheral Interface (SPI) Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
291Kb / 18P
   Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com