Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC7447RX1000NB Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC7447RX1000NB
Szczegółowy opis  PPC7457RX1000NB
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7447RX1000NB Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC7447RX1000NB Datasheet HTML 1Page - Motorola, Inc MC7447RX1000NB Datasheet HTML 2Page - Motorola, Inc MC7447RX1000NB Datasheet HTML 3Page - Motorola, Inc MC7447RX1000NB Datasheet HTML 4Page - Motorola, Inc MC7447RX1000NB Datasheet HTML 5Page - Motorola, Inc MC7447RX1000NB Datasheet HTML 6Page - Motorola, Inc MC7447RX1000NB Datasheet HTML 7Page - Motorola, Inc MC7447RX1000NB Datasheet HTML 8Page - Motorola, Inc MC7447RX1000NB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
MPC7457 Part Number Specification for the MPC74x7RXnnnnNx Series
MOTOROLA
General Parameters
General Parameters
Table 7 provides the power consumption for the MPC7457 part numbers described herein.
Table 7. Power Consumption for MPC7457
Processor (CPU) Frequency
Unit
Notes
600 MHz
733 MHz
867 MHz
1000 MHz
Full-Power Mode
Typical
5.3
6.3
7.3
8.3
W
1, 3
Maximum
7.9
9.1
10.3
11.5
W
1, 2
Doze Mode
Typical
————
W
4
Nap Mode
Typical
1.3
1.3
1.3
1.3
W
1, 2
Sleep Mode
Typical
1.2
1.2
1.2
1.2
W
1, 2
Deep Sleep Mode (PLL Disabled)
Typical
1.1
1.1
1.1
1.1
W
1, 3
Notes:
1. These values apply for all valid processor bus and L3 bus ratios. The values do not include I/O supply power
(OVDD and GVDD) or PLL supply power (AVDD). OVDD and GVDD power is system dependent, but is typically <5%
of VDD power. Worst case power consumption for AVDD < 3 mW.
2. Maximum power is the maximum measured at nominal VDD and maximum operating junction temperature (see
Table 4) while running an entirely cache-resident, contrived sequence of instructions which keep all the execution
units maximally busy.
3. Typical power is an average value measured at the nominal recommended VDD (see Table 4) and 65°C while
running the Dhrystone 2.1 benchmark and achieving 2.3 Dhrystone MIPs/MHz.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep
mode. As a result, power consumption for this mode is not tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC7447RX1000NB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC7447RX1000NB NXP-MC7447RX1000NB Datasheet
457Kb / 12P
   MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com