Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14467-1 Arkusz danych(PDF) 2 Page - Freescale Semiconductor, Inc

Numer części MC14467-1
Szczegółowy opis  Low-Power CMOS Ionization Smoke Detector IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14467-1 Arkusz danych(HTML) 2 Page - Freescale Semiconductor, Inc

  MC14467-1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 8Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Sensors
2
Freescale Semiconductor
MC14467-1
Figure 2. Block Diagram
Table 1. Maximum Ratings(1)
(Voltages referenced to VSS)
1. Maximum Ratings are those values beyond which damage to the device may occur. This device contains circuitry to protect the inputs
against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of
any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended that except for pin 8,
Vin and Vout be constrained to the range VSS ≤ (Vin or Vout) VDD. For pin 8, refer to the Electrical Characteristics.
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
−0.5 to + 15
V
Input Voltage, All Inputs Except Pin 8
Vin
−0.25 to VDD + 0.25
V
DC Current Drain per Input Pin, Except Pin 15 = 1 mA
I
10
mA
DC Current Drain per Output Pin
I
30
mA
Operating Temperature Range
TA
−10 to +60
°C
Storage Temperature Range
Tstg
−55 to + 125
°C
Reverse Battery Time
tRB
5.0
s
+
+
+
VDD
Led Driver
5
6
9
10
11
8
Priezoelectric
Horn Driver
4
VDD
VDD
VDD
Low Battery Comp.
Latch
80 K
VDD
3
7
12
Oscillator
Timer
1045 K
13
1125 K
15
Detect Input
14
Lo-Z
Active
Guard
1
Latch


Podobny numer części - MC14467-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
More results

Podobny opis - MC14467-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com