Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC856A Arkusz danych(PDF) 1 Page - Central Semiconductor Corp

Numer części BC856A
Szczegółowy opis  SURFACE MOUNT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC856A Arkusz danych(HTML) 1 Page - Central Semiconductor Corp

  BC856A Datasheet HTML 1Page - Central Semiconductor Corp BC856A Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25°C)
SYMBOL
BC858
BC857
BC856
UNITS
Collector-Base Voltage
VCBO
30
50
80
V
Collector-Emitter Voltage
VCEO
30
45
65
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB= 30V
15
nA
ICBO
VCB= 30V, TA=150°C
4.0
µA
IEBO
VEB=5.0V
100
nA
BVCBO
IC=10µA (BC858)
30
V
BVCBO
IC=10µA (BC857)
50
V
BVCBO
IC=10µA (BC856)
80
V
BVCEO
IC=10mA (BC858)
30
V
BVCEO
IC=10mA (BC857)
45
V
BVCEO
IC=10mA (BC856)
65
V
BVEBO
IE=10µA
5.0
V
VCE(SAT)
IC=10mA, IB=0.5mA
0.3
V
VCE(SAT)
IC=100mA, IB=5.0mA
0.65
V
VBE(ON)
IC=2.0mA, VCE=5.0V
0.6
0.75
V
VBE(ON)
IC=10mA, VCE=5.0V
0.82
V
fT
VCE=5.0V, IC=10mA, f=100MHz
100
MHz
NF
VCE=5.0V, IC=200µA,
RS=2KΩ, f= 1KHz, BW=200Hz
10
dB
BC856A
BC856B
BC857A
BC857B
BC857C
BC858A
BC858B
BC858C
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=5.0V, IC=2.0mA
125
250
220
475
420
800
BC856 SERIES
BC857 SERIES
BC858 SERIES
SURFACE MOUNT
PNP SILICON TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R1 (10-September 2004)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BC856,
BC857 and BC858 Series types are PNP Silicon
Transistors manufactured by the epitaxial planar
process, epoxy molded in a surface mount
package, designed for general purpose switching
and amplifier applications.
MARKING CODE: PLEASE SEE MARKING
CODE TABLE ON FOLLOWING PAGE
Note: Reverse Lead Codes Available, Add “R” to
the end of the Part # and Marking Code.


Podobny numer części - BC856A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
521Kb / 5P
   PNP Small Signal Transistor 200mW
logo
NXP Semiconductors
BC856A PHILIPS-BC856A Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Nexperia B.V. All right...
BC856A NEXPERIA-BC856A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Pan Jit International I...
BC856A PANJIT-BC856A Datasheet
97Kb / 4P
   PNP GENERAL PURPOSE TRANSISTORS
logo
Micro Commercial Compon...
BC856A MCC-BC856A Datasheet
201Kb / 3P
   PNP Small Signal Transistor 310mW
More results

Podobny opis - BC856A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
logo
Central Semiconductor C...
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW61B CENTRAL-BCW61B Datasheet
125Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
   PNP SILICON TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com