Zakładka z wyszukiwarką danych komponentów |
|
CAT25C09SI-1.8TE13 Arkusz danych(PDF) 8 Page - Catalyst Semiconductor |
|
CAT25C09SI-1.8TE13 Arkusz danych(HTML) 8 Page - Catalyst Semiconductor |
8 / 12 page 8 CAT25C11/03/05/09/17 Doc. No. 1017, Rev. J Figure 6. Write Instruction Timing SK SI SO 00 00 X* 0 1 0 D7 D6 D5 D4 D3 D2 D1 D0 012345678 21 22 23 24 25 26 27 28 29 30 31 CS OPCODE DATA IN HIGH IMPEDANCE BYTE ADDRESS* ** AN A0 *Please check the Byte Address Table X = 0 for CAT25C11, CAT25C03, CAT25C09 and CAT25C17; X = A8 for CAT25C05 Note: Dashed Line= mode (1, 1) – ––– device. If the write operation is initiated immediately after the WREN instruction without CS being brought high, the data will not be written to the array because the write up to 16 bytes of data to the CAT25C11/03/05 and 32 bytes of data for 25C09/17. After each byte of data received, lower order address bits are internally incremented by one; the high order bits of address willremain constant.The only restriction is that the X (X=16 for 25C11/03/05 and X=32 for 25C09/17) bytes must reside on the same page. If the address counter reaches the end of the page and clock continues, the counter will “roll over” to the first address of the page and overwrite any data that may have been written. The CAT25C11/03/05/09/17 is automatically returned to the write disable state at the completion of the write cycle. Figure 8 illustrates the page write sequence. To write to the status register, the WRSR instruction should be sent. Only Bit 2, Bit 3, Bit 4 and Bit 7 of the status register can be written using the write status register instruction. Figure 7 illustrates the sequence of writing to status register. enable latch will not have been properly set. Also, for a successful write operation the address of the memory location(s) to be programmed must be outside the pro- tected address field. Byte Write Once the device is in a Write Enable state, the user may proceed with a write sequence by setting the CS low, issuing a write instruction via the SI line, followed by the 16-bit address for 25C09/17. (only 10-bit addresses are used for 25C09, 11-bit addresses are used for 25C17. The rest of the bits are don't care bits) and 8-bit address for 25C11/03/05 (for the 25C05, bit 3 of the read data instruction contains address A8). Programming will start after the CS is brought high. Figure 6 illustrates byte write sequence. Page Write The CAT25C11/03/05/09/17 features page write capa- bility. After the initial byte, the host may continue to write after the WREN instruction to enable writes to thee Figure 5. RDSR Instruction Timing 0 1 2 3 45 67 8 10 911 12 13 14 SCK SI DATA OUT MSB HIGH IMPEDANCE OPCODE SO 7 6 5 4 3 2 1 0 CS 00 0 00 1 0 1 Note: Dashed Line= mode (1, 1) – – – – |
Podobny numer części - CAT25C09SI-1.8TE13 |
|
Podobny opis - CAT25C09SI-1.8TE13 |