Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SJ648 Arkusz danych(PDF) 1 Page - NEC

Numer części 2SJ648
Szczegółowy opis  MOS FIELD EFFECT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SJ648 Arkusz danych(HTML) 1 Page - NEC

  2SJ648 Datasheet HTML 1Page - NEC 2SJ648 Datasheet HTML 2Page - NEC 2SJ648 Datasheet HTML 3Page - NEC 2SJ648 Datasheet HTML 4Page - NEC 2SJ648 Datasheet HTML 5Page - NEC 2SJ648 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SJ648
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No. D16597EJ2V0DS00 (2nd edition)
Date Published November 2004 NS CP(K)
Printed in Japan
The mark
shows major revised points.
2003
PACKAGE DRAWING (Unit: mm)
0.3
2
0.2
+0.1
–0
0.5
1: Source
2: Gate
3: Drain
0.5
1.0
1.6 ± 0.1
3
1
0.6
0.75 ± 0.05
0 to 0.1
0.15
+0.1
–0.05
+0.1
–0
DESCRIPTION
The 2SJ648 is a switching device which can be driven directly by a
2.5 V power source.
The 2SJ648 features a low on-state resistance and excellent
switching characteristics, and is suitable for
applications such as
power switch of portable machine and so on.
FEATURES
• 2.5 V drive available
• Low on-state resistance
RDS(on)1 = 1.45
Ω MAX. (VGS = −4.5 V, ID = −0.2 A)
RDS(on)2 = 1.55
Ω MAX. (VGS = −4.0 V, ID = −0.2 A)
RDS(on)3 = 2.98
Ω MAX. (VGS = −2.5 V, ID = −0.15 A)
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ648
SC-75 (USM)
Marking: H1
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−20
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m12
V
Drain Current (DC)
ID(DC)
m0.4
A
Drain Current (pulse)
Note1
ID(pulse)
m1.6
A
Total Power Dissipation
Note2
PT
200
mW
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Mounted on ceramic substrate of 300 mm
2 x 0.64 mm.
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When
this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated
voltage may be applied to this device.
Caution
This product is electrostatic-sensitive device due to low ESD capability and should be handled with
caution for electrostatic discharge.
VESD = ±100 V TYP. (C = 200 pF, R = 0
Ω, Single pulse)
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


Podobny numer części - 2SJ648

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SJ648 RENESAS-2SJ648 Datasheet
268Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2003
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results

Podobny opis - 2SJ648

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com