Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1DU064NMCC-0QC00 Arkusz danych(PDF) 21 Page - Samsung semiconductor

Numer części MC1DU064NMCC-0QC00
Szczegółowy opis  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU064NMCC-0QC00 Arkusz danych(HTML) 21 Page - Samsung semiconductor

Back Button MC1DU064NMCC-0QC00 Datasheet HTML 17Page - Samsung semiconductor MC1DU064NMCC-0QC00 Datasheet HTML 18Page - Samsung semiconductor MC1DU064NMCC-0QC00 Datasheet HTML 19Page - Samsung semiconductor MC1DU064NMCC-0QC00 Datasheet HTML 20Page - Samsung semiconductor MC1DU064NMCC-0QC00 Datasheet HTML 21Page - Samsung semiconductor MC1DU064NMCC-0QC00 Datasheet HTML 22Page - Samsung semiconductor MC1DU064NMCC-0QC00 Datasheet HTML 23Page - Samsung semiconductor MC1DU064NMCC-0QC00 Datasheet HTML 24Page - Samsung semiconductor MC1DU064NMCC-0QC00 Datasheet HTML 25Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
MultiMediaCard
TM
21
OCR Slice
Field
Value
Note
D31
Card power up status bit (busy)
0 or 1
D[30-24]
Reserved
0
D23
3.5 ~ 3.6V
1
D22
3.4 ~ 3.5V
1
D21
3.3 ~ 3.4V
1
D20
3.2 ~ 3.3V
1
D19
3.1 ~ 3.2V
1
D18
3.0 ~ 3.1V
1
D17
2.9 ~ 3.0V
1
D16
2.8 ~ 2.9V
1
D15
2.7 ~ 2.8V
1
D14
2.6 ~ 2.7V
0
D13
2.5 ~ 2.6V
0
D12
2.4 ~ 2.5V
0
D11
2.3 ~ 2.4V
0
D10
2.2 ~2.3V
0
D9
2.1 ~ 2.2V
0
D8
2.0 ~ 2.1V
0
D7
1.65 ~ 1.95V
0
D[6-0]
Reserved
0
4.5.2 Card Identification (CID)
This register contains the card identification information used during the card identification procedure. It
is a 128 bit wide register, one-time programmable by the provider. The CID is divided into eight slices:
Table 4-6 CID Fields
Name
Field
Width
CID-Slice
Manufacturer ID
*1
MID
8
[127:120]
OEM/Application ID
OID
16
[119:104]
Product name
PNM
48
[103:56]
Product revision
PRV
8
[55:48]
Product serial number
PSN
32
[47:16]
Manufacturing date
MDT
8
[15:8]
CRC checksum
CRC
7
[7:1]
not used, always 1
--
1
[0:0]
Note: 1. The value of MID is 0x15.


Podobny numer części - MC1DU064NMCC-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Podobny opis - MC1DU064NMCC-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com