Zakładka z wyszukiwarką danych komponentów |
|
CAT25C05U14A-1.8TE13 Arkusz danych(PDF) 1 Page - Catalyst Semiconductor |
|
CAT25C05U14A-1.8TE13 Arkusz danych(HTML) 1 Page - Catalyst Semiconductor |
1 / 12 page 1 CAT25C11/03/05/09/17 1K/2K/4K/8K/16K SPI Serial CMOS EEPROM FEATURES s 10 MHz SPI compatible s 1.8 to 6.0 volt operation s Hardware and software protection s Low power CMOS technology s SPI modes (0,0 & 1,1)* s Commercial, industrial, automotive and extended temperature ranges s 1,000,000 program/erase cycles s 100 year data retention s Self-timed write cycle s 8-pin DIP/SOIC, 8/14-pin TSSOP and 8-pin MSOP s 16/32-byte page write buffer s Write protection – Protect first page, last page, any 1/4 array or lower 1/2 array PIN CONFIGURATION DIP Package (P, L) PIN FUNCTIONS Pin Name Function SO Serial Data Output SCK Serial Clock WP Write Protect VCC +1.8V to +6.0V Power Supply VSS Ground CS Chip Select SI Serial Data Input HOLD Suspends Serial Input NC No Connect BLOCK DIAGRAM © 2004 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice DESCRIPTION The CAT25C11/03/05/09/17 is a 1K/2K/4K/8K/16K-Bit SPI Serial CMOS EEPROM internally organized as 128x8/256x8/512x8/1024x8/2048x8 bits. Catalyst’s advanced CMOS Technology substantially reduces device power requirements. The CAT25C11/03/05 features a 16-byte page write buffer. The 25C09/17 features a 32-byte page write buffer.The device operates via the SPI bus serial interface and is enabled though a Chip Select ( CS). In addition to the Chip Select, the clock input (SCK), data in (SI) and data out (SO) are required to access the device. The HOLD pin may be used to suspend any serial communication without resetting the serial sequence. The CAT25C11/03/05/09/17 is designed with software and hardware write protection features including Block Write protection. The device is available in 8-pin DIP, 8-pin SOIC, 8/14-pin TSSOP and 8-pin MSOP packages. TSSOP Package (U14, Y14) SOIC Package (S, V) VSS SO WP VCC HOLD SCK SI 1 2 3 4 8 7 6 5 CS SO WP CS VCC SCK SI 1 2 3 4 8 7 6 5 VSS HOLD TSSOP Package (U, Y) 8 7 6 5 VCC WP SCK CS VSS 1 2 3 4 SO HOLD SI Doc. No. 1017, Rev. J SO WP CS VCC SCK SI 1 2 3 4 8 7 6 5 VSS HOLD MSOP Package (R, Z)* *CAT25C11/03 only ALO GEN FR TM LEAD FREE SENSE AMPS SHIFT REGISTERS SPI CONTROL LOGIC WORD ADDRESS BUFFERS I/O CONTROL EEPROM ARRAY COLUMN DECODERS XDEC HIGH VOLTAGE/ TIMING CONTROL SO STATUS REGISTER BLOCK PROTECT LOGIC DATA IN STORAGE SI CS WP HOLD SCK * Other SPI modes available on request. 14 13 12 11 10 9 8 VCC NC CS 1 2 3 4 5 6 7 SO HOLD NC NC SCK SI NC NC NC WP VSS |
Podobny numer części - CAT25C05U14A-1.8TE13 |
|
Podobny opis - CAT25C05U14A-1.8TE13 |