Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1DU128HMCC-0QC00 Arkusz danych(PDF) 55 Page - Samsung semiconductor

Numer części MC1DU128HMCC-0QC00
Szczegółowy opis  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU128HMCC-0QC00 Arkusz danych(HTML) 55 Page - Samsung semiconductor

Back Button MC1DU128HMCC-0QC00 Datasheet HTML 51Page - Samsung semiconductor MC1DU128HMCC-0QC00 Datasheet HTML 52Page - Samsung semiconductor MC1DU128HMCC-0QC00 Datasheet HTML 53Page - Samsung semiconductor MC1DU128HMCC-0QC00 Datasheet HTML 54Page - Samsung semiconductor MC1DU128HMCC-0QC00 Datasheet HTML 55Page - Samsung semiconductor MC1DU128HMCC-0QC00 Datasheet HTML 56Page - Samsung semiconductor MC1DU128HMCC-0QC00 Datasheet HTML 57Page - Samsung semiconductor MC1DU128HMCC-0QC00 Datasheet HTML 58Page - Samsung semiconductor MC1DU128HMCC-0QC00 Datasheet HTML 59Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
MultiMediaCard
TM
55
command.
*4
CMD25
Yes
[31:0]
data
address
R1
WRITE_MULTIPL
E_BLOCK
continuously writes blocks of data
until a “Stop Tran” Token or the
requested number of blocks
received.
CMD26
No
CMD27
Yes
None
R1b
PROGRAM_CSD
programming of the
programmable bits of the CSD.
CMD28
Yes
[31:0]
data
address
R1b
SET_WRITE_
PROT
if the card has write protection
features, this command sets the
write protection bit of the
addressed group. The properties
of write protection are coded in the
card specific data
(WP_GRP_SIZE).
CMD29
Yes
[31:0]
data
address
R1b
CLR_WRITE_
PROT
if the card has write protection
features, this command clears the
write protection bit of the
addressed group.
CMD30
Yes
[31:0] write protect
data address
R1
SEND_WRITE_
PROT
if the card has write protection
features, this command asks the
card to send the status of the write
protection bits.
*5
CMD31
reserved
CMD35
Yes
[31:0]
data
address
R1
TAG_ERASE_
GROUP_START
sets the address of the first erase
group within a range to be
selected for erase
CMD36
Yes
[31:0]
data
address
R1
TAG_ERASE_
GROUP_END
sets the address of the last erase
group within a continuous range to
be selected for erase
CMD38
Yes
[31:0] stuff bits
R1b
ERASE
erases all previously selected
sectors
CMD39
No
CMD40
No
CMD41
reserved
CMD42
Yes
[31:0] stuff bits
R1b
LOCK/UNLOCK
Used to set/reset the password or
lock/unlock the card. The structure
of the data block is described in
chapter “Card lock/unlock
operation”. The size of the Data
Block is defined by the
SET_BLOCK_LEN command.
CMD43…
CMD57
reserved
CMD58
Yes
None
R3
READ_OCR
Reads the OCR register of a card.
CMD59
Yes
[31:0] stuff bits
[0:0] CRC option
R1
CRC_ON_OFF
Turns the CRC option on or off. A
‘1’ in the CRC option bit will turn
the option on, a ‘0’ will turn it off.
CMD60
No
Notes :
1. The default block length is as specified in the CSD.
2. The data transferred must not cross a physical block boundary unless READ_BLK_MISALIGN is set in
the CSD.
3. R1b : R1 response with an optional trailing busy signal.
4. The data transferred must not cross a physical block boundary unless WRITE_BLK_MISALIGN is set in
the CSD.


Podobny numer części - MC1DU128HMCC-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Podobny opis - MC1DU128HMCC-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com