Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8131B00B Arkusz danych(PDF) 5 Page - Nippon Precision Circuits Inc

Numer części SM8131B00B
Szczegółowy opis  The SM8131B is a charge pump DC/DC converter that switches between 1 and 1.5 automatically.
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NPC [Nippon Precision Circuits Inc]
Strona internetowa  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8131B00B Arkusz danych(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8131B00B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8131B00B Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
SM8131B
NIPPON PRECISION CIRCUITS INC.—5
VOUT Efficiency
Efficiency of PIN vs. POUT
(LED
× 6pcs, ILED = 20mA, IOUT = 120mA)
Efficiency of PIN vs. POUT
(LED
× 3pcs, ILED = 15mA, IOUT = 45mA)
50
60
70
80
90
100
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
VIN [V]
VF = 3.2V
VF = 3.4V
VF = 3.6V
VF = 3.8V
50
60
70
80
90
100
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
VIN [V]
VF = 3.2V
VF = 3.8V
VF = 3.4V
VF = 3.6V


Podobny numer części - SM8131B00B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nippon Precision Circui...
SM8130 NPC-SM8130 Datasheet
83Kb / 6P
   White LED Driver IC
SM8130A50D NPC-SM8130A50D Datasheet
83Kb / 6P
   White LED Driver IC
SM8132A NPC-SM8132A Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AB NPC-SM8132AB Datasheet
137Kb / 18P
   White LED Driver IC
SM8132AW NPC-SM8132AW Datasheet
137Kb / 18P
   White LED Driver IC
More results

Podobny opis - SM8131B00B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
AN937 STMICROELECTRONICS-AN937 Datasheet
1,014Kb / 29P
   The L4971 is a 1.5 A monolithic dc-dc converter
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
   Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
   CHARGE PUMP DC-TO-DC CONVERTER
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Unisonic Technologies
ME7660 UTC-ME7660_15 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
   CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
   Charge Pump DC-to-DC Converter
2002
logo
Unisonic Technologies
ME7660 UTC-ME7660 Datasheet
151Kb / 5P
   CHARGE PUMP DC-DC VOLTAGE CONVERTER
logo
ON Semiconductor
LV52130N0XA ONSEMI-LV52130N0XA Datasheet
441Kb / 19P
   1coil Boost DC-DC converter and Inverter Charge Pump
October 2015 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com