Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3295-ZK Arkusz danych(PDF) 2 Page - NEC

Numer części 2SK3295-ZK
Szczegółowy opis  SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK3295-ZK Arkusz danych(HTML) 2 Page - NEC

  2SK3295-ZK Datasheet HTML 1Page - NEC 2SK3295-ZK Datasheet HTML 2Page - NEC 2SK3295-ZK Datasheet HTML 3Page - NEC 2SK3295-ZK Datasheet HTML 4Page - NEC 2SK3295-ZK Datasheet HTML 5Page - NEC 2SK3295-ZK Datasheet HTML 6Page - NEC 2SK3295-ZK Datasheet HTML 7Page - NEC 2SK3295-ZK Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data Sheet D14064EJ2V0DS
2
2SK3295
ELECTRICAL CHARACTERISTICS(TA = 25°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
10
µA
Gate Leakage Current
IGSS
VGS =
±20 V, VDS = 0 V
±10
µA
Gate Cut-off Voltage
VGS(off)
VDS = 10 V, ID = 1 mA
1.0
2.5
V
Forward Transfer Admittance
| yfs |VDS = 10 V, ID = 18 A
7.5
S
Drain to Source On-state Resistance
RDS(on)1
VGS = 10 V, ID = 18 A
13
18
m
RDS(on)2
VGS = 4.5 V, ID = 18 A
21
27
m
Input Capacitance
Ciss
VDS = 10 V
720
pF
Output Capacitance
Coss
VGS = 0 V
370
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
180
pF
Turn-on Delay Time
td(on)
VDD = 10 V , ID = 18 A
85
ns
Rise Time
tr
VGS(on) = 10 V
2000
ns
Turn-off Delay Time
td(off)
RG = 10
65
ns
Fall Time
tf
270
ns
Total Gate Charge
QG
VDD = 16 V
16
nC
Gate to Source Charge
QGS
VGS = 10 V
3.1
nC
Gate to Drain Charge
QGD
ID = 35 A
5.2
nC
Body Diode Forward Voltage
VF(S-D)
IF = 35 A, VGS = 0 V
1.0
V
Reverse Recovery Time
trr
IF = 35 A, VGS = 0 V
28
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs14
nC
TEST CIRCUIT 1 SWITCHING TIME
TEST CIRCUIT 2 GATE CHARGE
PG.
RG
0
VGS
D.U.T.
RL
VDD
τ = 1 s
µ
Duty Cycle
≤ 1%
VGS
Wave Form
ID
Wave Form
VGS
10%
90%
VGS(on)
10%
0
ID
90%
90%
td(on)
tr td(off)
tf
10%
τ
ID
0
ton
toff
PG.
50
D.U.T.
RL
VDD
IG = 2 mA


Podobny numer części - 2SK3295-ZK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
2SK3295-ZK RENESAS-2SK3295-ZK Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
More results

Podobny opis - 2SK3295-ZK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK3059 NEC-2SK3059 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3112 NEC-2SK3112 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3405 NEC-2SK3405 Datasheet
1Mb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3424 NEC-2SK3424 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3454 NEC-2SK3454 Datasheet
64Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK2133 NEC-2SK2133 Datasheet
366Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3404 NEC-2SK3404 Datasheet
69Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3467 NEC-2SK3467 Datasheet
67Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
2SK3114 NEC-2SK3114 Datasheet
92Kb / 8P
   SWITCHING N-CHANNEL POWER MOSFET INDUSTRIAL USE
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com