Zakładka z wyszukiwarką danych komponentów |
|
2SK3424-ZJ Arkusz danych(PDF) 5 Page - NEC |
|
2SK3424-ZJ Arkusz danych(HTML) 5 Page - NEC |
5 / 8 page Data Sheet D14640EJ2V0DS 5 2SK3424 DERATING FACTOR OF FORWARD BIAS SAFE OPERATING AREA Tch - Channel Temperature - ˚C 040 20 60 100 140 80 120 160 0 20 40 60 80 100 TC - Case Temperature - ˚C 0 0 80 20 40 60 100 140 120 160 TOTAL POWER DISSIPATION vs. CASE TEMPERATURE 10 20 30 40 60 50 70 FORWARD BIAS SAFE OPERATING AREA 1 10 100 0.1 VDS - Drain to Source Voltage - V 100 1000 10 1 Po wer Dissipation Limited 100 µ s 10 ms 300 µ s 1 ms 3 ms PW = 10 µs DC ID(DC) ID(pulse) TC = 25˚C Single Pulse R DS(on) Limited (@V GS = 10 V) PW - Pulse Width - sec TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH 10 0.01 0.1 1 100 1000 1 m 10 m 100 m 1 10 100 1000 Single Pulse 10 100 Rth(ch-C) = 2.5˚C/W µ µ Rth(ch-A) = 83.3˚C/W 5 |
Podobny numer części - 2SK3424-ZJ |
|
Podobny opis - 2SK3424-ZJ |