Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UPA2712GR Arkusz danych(PDF) 4 Page - NEC

Numer części UPA2712GR
Szczegółowy opis  SWITCHING P-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPA2712GR Arkusz danych(HTML) 4 Page - NEC

  UPA2712GR Datasheet HTML 1Page - NEC UPA2712GR Datasheet HTML 2Page - NEC UPA2712GR Datasheet HTML 3Page - NEC UPA2712GR Datasheet HTML 4Page - NEC UPA2712GR Datasheet HTML 5Page - NEC UPA2712GR Datasheet HTML 6Page - NEC UPA2712GR Datasheet HTML 7Page - NEC UPA2712GR Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet G15980EJ2V0DS
4
µµµµPA2712GR
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
- 10
- 20
- 30
- 40
- 50
0
- 0.2
- 0.4
- 0.6
- 0.8
- 1
- 1.2
VGS = −10 V
Pulsed
−4.5 V
−4.0 V
VDS - Drain to Source Voltage - V
- 0.01
- 0.1
- 1
- 10
- 100
0
- 1
- 2
- 3
- 4
- 5
VDS = −10 V
Pulsed
Tch = −55°C
25°C
75°C
150°C
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
- 0.5
- 1
- 1.5
- 2
- 2.5
- 3
-50
0
50
100
150
VDS = −10 V
ID = −1 mA
Tch - Channel Temperature -
°C
0.1
1
10
100
- 0.1
- 1
- 10
- 100
VDS = −10 V
Pulsed
Tch = −55°C
25°C
75°C
150°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
10
20
30
40
- 0.1
- 1
- 10
- 100
−4.5 V
−10 V
VGS = −4.0 V
Pulsed
ID - Drain Current - A
0
10
20
30
40
0
- 5
- 10
- 15
- 20
Pulsed
ID = −5.0 A
VGS - Gate to Source Voltage - V


Podobny numer części - UPA2712GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
VBsemi Electronics Co.,...
UPA2712GR VBSEMI-UPA2712GR Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Renesas Technology Corp
UPA2712GR RENESAS-UPA2712GR Datasheet
314Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2002
More results

Podobny opis - UPA2712GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPA2714GR NEC-UPA2714GR Datasheet
89Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP83P06PDG RENESAS-NP83P06PDG_15 Datasheet
299Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP20P06SLG RENESAS-NP20P06SLG_15 Datasheet
307Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
logo
NEC
UPA2711GR NEC-UPA2711GR Datasheet
149Kb / 7P
   SWITCHING P-CHANNEL POWER MOSFET
UPA1772 NEC-UPA1772 Datasheet
67Kb / 6P
   SWITCHING P-CHANNEL POWER MOSFET
UPA2713GR NEC-UPA2713GR Datasheet
77Kb / 7P
   SWITCHING P-CHANNEL POWER MOSFET
UPA2730TP NEC-UPA2730TP Datasheet
80Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
UPA1730TP NEC-UPA1730TP Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOSFET
logo
Renesas Technology Corp
NP15P04SLG RENESAS-NP15P04SLG_15 Datasheet
305Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP20P04SLG RENESAS-NP20P04SLG_15 Datasheet
307Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com