Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

UPA2718GR Arkusz danych(PDF) 3 Page - NEC

Numer części UPA2718GR
Szczegółowy opis  SWITCHING P-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPA2718GR Arkusz danych(HTML) 3 Page - NEC

  UPA2718GR Datasheet HTML 1Page - NEC UPA2718GR Datasheet HTML 2Page - NEC UPA2718GR Datasheet HTML 3Page - NEC UPA2718GR Datasheet HTML 4Page - NEC UPA2718GR Datasheet HTML 5Page - NEC UPA2718GR Datasheet HTML 6Page - NEC UPA2718GR Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Data Sheet G16952EJ1V0DS
3
µ PA2718GR
ELECTRICAL CHARACTERISTICS (TA = 25°C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
0
20
40
60
80
100
120
0
25
50
75
100
125 150
175
TA - Ambient Temperature -
°C
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0
25
50
75
100
125
150
175
Mounted on ceramic
substrate of
1200 mm
2 x 2.2 mm
TA - Ambient Temperature -
°C
FORWARD BIAS SAFE OPERATING AREA
-0.01
-0.1
-1
-10
-100
-1000
-0.01
-0.1
-1
-10
-100
ID(pulse)
10 ms
Power Dissipation Limited
ID(DC)
PW = 100
µs
1 ms
DC
RDS(on)Limited
(at VGS =
−10 V)
100ms
TA = 25°C
Single pulse
Mounted on ceramic substrate of
1200 mm
2 x 2.2 mm
VDS - Drain to Source Voltage - V
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
0.1
1
10
100
1000
Single pulse, TA = 25°C
Rth(ch-A)1 : Mounted on ceramic substrate of 1200 mm2 x 2.2 mm
Rth(ch-A)2 : Mounted on glass epoxy board of 25.4 mm x 25.4 mm x 0.8 mm
Rth(ch-A)2
Rth(ch-A)1
PW - Pulse Width - s
100
µ
1 m
10 m
100 m
1
10
100
1000


Html Pages

1  2  3  4  5  6  7 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn