Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

UPA2718GR Arkusz danych(PDF) 4 Page - NEC

Numer części UPA2718GR
Szczegółowy opis  SWITCHING P-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

UPA2718GR Arkusz danych(HTML) 4 Page - NEC

  UPA2718GR Datasheet HTML 1Page - NEC UPA2718GR Datasheet HTML 2Page - NEC UPA2718GR Datasheet HTML 3Page - NEC UPA2718GR Datasheet HTML 4Page - NEC UPA2718GR Datasheet HTML 5Page - NEC UPA2718GR Datasheet HTML 6Page - NEC UPA2718GR Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Data Sheet G16952EJ1V0DS
4
µ PA2718GR
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
-25
-50
-75
-100
-125
-150
0
-0.5
-1
-1.5
-2
Pulsed
VGS =
−10 V
−4 V
−4.5 V
VDS - Drain to Source Voltage - V
-0.01
-0.1
-1
-10
-100
0
-1-2
-3-4
-5
VDS =
−10 V
Pulsed
TA = 150°C
75°C
25°C
−40°C
VGS - Gate to Source Voltage - V
GATE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
-0.5
-1.0
-1.5
-2.0
-2.5
-50
0
50
100
150
VDS =
−10 V
ID =
−1 mA
Tch - Channel Temperature -
°C
-0.1
-1
-10
-100
-0.1
-1
-10
-100
VDS = −10 V
Pulsed
TA = 150°C
75°C
25°C
−40°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
0
10
20
30
40
-1
-10
-100
-1000
Pulsed
VGS = −10 V
−4.5 V
−4 V
ID - Drain Current - A
0
10
20
30
40
0
-5
-10
-15
-20
Pulsed
ID =
−6.5 A
VGS - Gate to Source Voltage - V


Html Pages

1  2  3  4  5  6  7 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn