Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSM6652 Arkusz danych(PDF) 33 Page - OKI electronic componets

Numer części MSM6652
Szczegółowy opis  Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OKI [OKI electronic componets]
Strona internetowa  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6652 Arkusz danych(HTML) 33 Page - OKI electronic componets

Back Button MSM6652 Datasheet HTML 29Page - OKI electronic componets MSM6652 Datasheet HTML 30Page - OKI electronic componets MSM6652 Datasheet HTML 31Page - OKI electronic componets MSM6652 Datasheet HTML 32Page - OKI electronic componets MSM6652 Datasheet HTML 33Page - OKI electronic componets MSM6652 Datasheet HTML 34Page - OKI electronic componets MSM6652 Datasheet HTML 35Page - OKI electronic componets MSM6652 Datasheet HTML 36Page - OKI electronic componets MSM6652 Datasheet HTML 37Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
33/45
¡ Semiconductor
MSM6650 Family
FEDL6650-03
Symbol Type
Description
AGND
Analog ground pin.
MCK
O
Main clock output pin. Use MCK as a connection pin for the MSC1192, etc.
When the IC is in standby status, MCK is held high.
CPU
I
CPU Mode. Set to "H" level to select Microcontroller Interface Mode.
SERIAL
I
Serial/Parallel Interface Select. This input selects either the parallel or the
serial input interface. The serial input interface is selected with a high level; the
parallel input interface is selected with a low level.
CE
O
Chip Enable.
CE is a timing output pin to control read of external memory. This pin outputs
when
RCS is at the "L" level. This pin goes high impedance when RCS is at the "H" level.
RCS
I
Read Chip Select. The data bits D0-D7 are internally pulled down when
RCS is high.
DGND
Digital ground pin.
AVDD
Analog power pin. Insert a 0.1
mF or more bypass capacitor between this pin and AGND.
DVDD
Digital power pin. Insert a 0.1
mF or more bypass capacitor between this pin and DGND.
D0 - D7
I
External Memory Data Bus. Data is input when RCS is low. When RCS is high,
these pins become low due to internal pull-down resistors.
RA0 - RA22
O
External Memory Address. These are address pins for an external memory output
when
RCS is low. These pins become high impedance status if RCS is in "H" level.
TEST1, 2
I
Test. Set these pins to "H" level.
IBUSY
O
Outputs a "L" level during playback or when AOUT is at 1/2 VDD (except standby conversion)
STANDBY
O
Outputs a "L" level during which the device is oscillating.
Pin
6 (60)
12 (2)
16 (6)
17 (7)
30 (20)
31 (21)
7 (61)
8 (62)
9 (63)
32, 34-40
(22, 24-30)
41-63
(31-40, 42-54)
15, 64
(5, 55)
18 (8)
20 (10)


Podobny numer części - MSM6652

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MSM6652 OKI-MSM6652 Datasheet
259Kb / 50P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
MSM6652 OKI-MSM6652 Datasheet
331Kb / 46P
   SI/SD Voice Recognizer, Recorder/Player, and Speech Synthesizer
More results

Podobny opis - MSM6652

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
   OTP ROM Built-in Voice Synthesis IC
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
   Voice Synthesis IC with Built-in Mask ROM
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
   Voice Synthesis IC with Built-in Mask ROM
MSM98P05 OKI-MSM98P05 Datasheet
151Kb / 14P
   Voice Synthesis IC with Built-in 2-Mbit OTP ROM
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
   ADPCM Voice Synthesis IC
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
   VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
   ADPCM Voice Analysis/Synthesis IC
logo
Mosel Vitelic, Corp
MSS0605 MOSEL-MSS0605 Datasheet
152Kb / 7P
   VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
   VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
   VOICE ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com