Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1DU128NAYC-0QC00 Arkusz danych(PDF) 24 Page - Samsung semiconductor

Numer części MC1DU128NAYC-0QC00
Szczegółowy opis  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU128NAYC-0QC00 Arkusz danych(HTML) 24 Page - Samsung semiconductor

Back Button MC1DU128NAYC-0QC00 Datasheet HTML 20Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 21Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 22Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 23Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 24Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 25Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 26Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 27Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 28Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
MultiMediaCard
TM
24
SPEC_VERS
Defines the Spec version supported by the card. It includes the commands set definition and the
definition of the card responses. The card identification procedure is compatible for all spec versions.
SPEC_VERS
System specification version number
“0011”
System specification version 3.31
The Spec version of these Samsung MultiMediaCards is related to the “MultiMediaCard system
specification,Version 3.31”. The parameter SPEC_VERS has permanently the value “0011”.
TAAC
Defines the asynchronous data access time:
TAAC bit
Description
Values
2:0
Time exponent
0 = 1 ns, 1 = 10 ns, 2 = 100 ns, 3 = 1
ms, 4 = 10 ms, 5= 100 ms, 6 = 1 ms,
7 = 10 ms
6:3
Time mantissa
0 = reserved, 1 = 1.0, 2 = 1.2, 3 = 1.3,
5 = 1.5, 5 = 2.0, 6 = 2.5, 7 = 3.0,
8 = 3.5, 9 = 4.0, A = 4.5,B = 5.0,
C = 5.5, D = 6.0, E = 7.0, F = 8.0
7
Reserved
Always ‘0’
The value for the asynchronous delay for these MultiMediaCards is 1.5 ms. The coded TAAC value is
0x26 (= 1.5 ms).
NSAC
Defines the worst case for synchronous data access time. The unit for NSAC is 100-clock cycles.
Therefore, maximum value for the data access time is 25.6K clock cycles. The total access time NAC as
expressed in the Table “Timing Values” is the sum of both TAAC and NSAC. It has to be computed by
the host for actual clock rate. The read access time should be interpreted as a typical delay for the first
data bit of a data block or stream. The value of NSAC for these MultiMediaCards is 0x01 (100-clock
cycles). For more details refer to Chapter “Operating Characteristics”.
TRAN_SPEED
The following table defines the maximum data transfer rate TRAN_SPEED:
Maximum Data Transfer Rate Definition
TRAN_SPEED bit
Description
Values
2:0
Transfer rate exponent
0 = 100 kbit/s, 1 = 1 Mbit/s, 2 = 10
Mbit/s, 3 = 100 Mbit/s, 4...7 =
reserved
6:3
Time mantissa
0x0 = reserved, 0x1 = 1.0, 0x2 = 1.2,
0x3 = 1.3, 0x4 = 1.5, 0x5 = 2.0, 0x6 =
2.5, 0x7 = 3.0, 0x8 = 3.5, 0x9 = 4.0,
0xA = 4.5, 0xB = 5.0, 0xC = 5.5, 0xD


Podobny numer części - MC1DU128NAYC-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Podobny opis - MC1DU128NAYC-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com