Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1DU128NAYC-0QC00 Arkusz danych(PDF) 29 Page - Samsung semiconductor

Numer części MC1DU128NAYC-0QC00
Szczegółowy opis  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1DU128NAYC-0QC00 Arkusz danych(HTML) 29 Page - Samsung semiconductor

Back Button MC1DU128NAYC-0QC00 Datasheet HTML 25Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 26Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 27Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 28Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 29Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 30Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 31Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 32Page - Samsung semiconductor MC1DU128NAYC-0QC00 Datasheet HTML 33Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
MultiMediaCard
TM
29
shown in table “File_Formats”
COPY
Defines if the contents are an original (= 0) or a copy (= 1). The COPY bit is a one time programmable bit,
being set by the customer.
PERM_WRITE_PROTECT
Permanently protects the whole card content against overwriting or erasing (all write and erase
commands for this card is a permanently disabled). This parameter is one-time programmable by the
customer. The default value is ‘0’ (not protected).
TMP_WRITE_PROTECT
Temporarily protects the whole card content from being overwritten or erased (all write and erase
commands for this card are temporarily disabled). This parameter is programmable by the customer. The
default value is ‘0’ (not protected).
FILE_FORMAT
Indicates the file format on the card. This field is read-only for ROM. The following formats are defined.
FILE_FORMAT
_GRP
FILE_FOR
MAT
Type
0
0
Hard disk-like file system with partition table
0
1
DOS FAT (floppy-like) with boot sector only (no partition table)
0
2
Universal File Format
0
3
Others/Unknown
1
0,1,2,3
Reserved
ECC
Defines the ECC code that was used for storing data on the card. This field is used by the host (or
application) to decode the user data. The following table defines the field format.
ECC
ECC Type
Maximum number of correctable bits
0
None (default)
None
1
BCH (542,512)
3
2-3
0,1,2,3
-
The content provider or customer defines which kind of error correction may be used to protect the
contents of MultiMediaCard. This value is programmable.
CRC7
The CRC7 contains the check sum for the CSD content. The check sum is computed according to
chapter “Cyclic Redundancy Check(CRC)”.


Podobny numer części - MC1DU128NAYC-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Omron Electronics LLC
MC1.5/5-STF-3.5 OMRON-MC1.5/5-STF-3.5 Datasheet
3Mb / 34P
   Non-contact Data Communications System
logo
American Microsemicondu...
MC1.5K36C AMMSEMI-MC1.5K36C Datasheet
960Kb / 3P
   Transient Voltage Suppressor
logo
ON Semiconductor
MC10-100ELT22 ONSEMI-MC10-100ELT22 Datasheet
57Kb / 8P
   5VDual TTL to Differential PECL Translator
October, 2000 ??Rev. 4
logo
3M Electronics
MC100 3M-MC100 Datasheet
129Kb / 4P
   3M Scotch-Weld Metal Instant Adhesive MC100
logo
Lumberg
MC100-508 LUMBERG-MC100-508 Datasheet
99Kb / 1P
   Steckbare Anschlussklemmen, Raster 5,08 mm
More results

Podobny opis - MC1DU128NAYC-0QC00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com