Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP10R06KL4 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części FP10R06KL4
Szczegółowy opis  Elektrische Eigenschaften / Electrical properties
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

FP10R06KL4 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  FP10R06KL4 Datasheet HTML 1Page - List of Unclassifed Manufacturers FP10R06KL4 Datasheet HTML 2Page - List of Unclassifed Manufacturers FP10R06KL4 Datasheet HTML 3Page - List of Unclassifed Manufacturers FP10R06KL4 Datasheet HTML 4Page - List of Unclassifed Manufacturers FP10R06KL4 Datasheet HTML 5Page - List of Unclassifed Manufacturers FP10R06KL4 Datasheet HTML 6Page - List of Unclassifed Manufacturers FP10R06KL4 Datasheet HTML 7Page - List of Unclassifed Manufacturers FP10R06KL4 Datasheet HTML 8Page - List of Unclassifed Manufacturers FP10R06KL4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Technische Information / Technical Information
IGBT-Module
IGBT-Modules
FP10R06KL4
Vorläufig
Preliminary
VCE [V]
VCE [V]
Ausgangskennlinienfeld Wechselr. (typisch)
IC = f (VCE)
Output characteristic Inverter (typical)
VGE = 15 V
0
2
4
6
8
10
12
14
16
18
20
0,00
0,50
1,00
1,50
2,00
2,50
3,00
3,50
4,00
4,50
5,00
Tj = 25°C
Tj = 125°C
0
2
4
6
8
10
12
14
16
18
20
0,00
0,50
1,00
1,50
2,00
2,50
3,00
3,50
4,00
4,50
5,00
VGE = 8V
VGE = 9V
VGE = 10V
VGE = 12V
VGE = 15V
VGE = 20V
Ausgangskennlinienfeld Wechselr. (typisch)
IC = f (VCE)
Output characteristic Inverter (typical)
Tvj = 125°C
5(12)


Podobny numer części - FP10R06KL4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
FP10R06KL4 INFINEON-FP10R06KL4 Datasheet
361Kb / 11P
   IGBT-modules
2007-12-14 revision:3.1
logo
eupec GmbH
FP10R06KL4_B3 EUPEC-FP10R06KL4_B3 Datasheet
329Kb / 10P
   IGBT-modules
More results

Podobny opis - FP10R06KL4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
56DN06B01 INFINEON-56DN06B01 Datasheet
231Kb / 8P
   Elektrische Eigenschaften / Electrical properties
2013-08-07 Revision: 3.1
logo
eupec GmbH
BSM30GP60 EUPEC-BSM30GP60 Datasheet
134Kb / 12P
   Elektrische Eigenschaften / Electrical properties
FP50R12KE3 EUPEC-FP50R12KE3 Datasheet
211Kb / 11P
   Elektrische Eigenschaften / Electrical properties
logo
List of Unclassifed Man...
FP15R06KL4 ETC1-FP15R06KL4 Datasheet
202Kb / 12P
   Elektrische Eigenschaften / Electrical properties
logo
eupec GmbH
FP75R12KE3 EUPEC-FP75R12KE3 Datasheet
211Kb / 11P
   Elektrische Eigenschaften / Electrical properties
logo
Infineon Technologies A...
BSM15GP60 INFINEON-BSM15GP60 Datasheet
164Kb / 13P
   Elektrische Eigenschaften / Electrical properties
17.09.1999
logo
World Produts Inc.
WPANTDP031 WPI-WPANTDP031 Datasheet
266Kb / 1P
   Electrical Properties
WPANTDP032 WPI-WPANTDP032 Datasheet
279Kb / 1P
   Electrical Properties
WPANTDP033 WPI-WPANTDP033 Datasheet
119Kb / 1P
   Electrical Properties
logo
Shanghai Leiditech Elec...
SMD1812P500TF-6 LEIDITECH-SMD1812P500TF-6 Datasheet
1Mb / 4P
   Electrical Properties
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com