Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS-930 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części ADS-930
Szczegółowy opis  16-Bit, 500kHz Sampling A/D Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

ADS-930 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  ADS-930 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADS-930 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADS-930 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADS-930 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADS-930 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADS-930 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADS-930 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADS-930 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048 (U.S.A.)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: datellit@mcimail.com
FEATURES
• 16-bit resolution
• 500kHz sampling rate
• Functionally complete
• Excellent dynamic performance
• 83dB SNR, –89dB THD
• No missing codes
• Small, 40-pin, TDIP package
• 3.5 Watts power dissipation
• On-board FIFO
16-Bit, 500kHz
Sampling A/D Converters
ADS-930
®
®
INNOV A TION and EX CELLENCE
GENERAL DESCRIPTION
The low-cost ADS-930 is a high-performance, 16-bit, 500kHz
sampling A/D converter. This device accurately samples full-
scale input signals up to Nyquist frequencies with no missing
codes. The dynamic performance of the ADS-930 is optimized
to achieve a THD of –89dB and an SNR of 83dB.
Packaged in a small, 40-pin, ceramic TDIP, the functionally
complete ADS-930 contains a fast-settling sample-hold
amplifier, a subranging (three-pass) A/D converter, an internal
reference, an on-board FIFO, timing and control logic, three-
state outputs and error-correction circuitry. Digital inputs/
outputs are TTL.
Requiring ±15V and +5V supplies, the ADS-930 typically
dissipates 3.5 Watts. The unit is offered with a bipolar input
range of ±5V or a unipolar input range of 0 to –10V. Models
are available for use in either commercial (0 to +70°C) or
military (–55 to +125°C) operating temperature ranges.
Typical applications include radar, sonar, medical/graphic
imaging, and FFT spectrum analysis.
Figure 1. ADS-930 Functional Block Diagram
PIN
FUNCTION
PIN
FUNCTION
1
+10V REF. OUT
40
BIT 1 (MSB)
2
BIPOLAR
39
BIT 1 (MSB)
3
ANALOG INPUT
38
BIT 2
4
ANALOG GROUND
37
BIT 3
5
OFFSET ADJUST
36
BIT 4
6
GAIN ADJUST
35
BIT 5
7
+15V SUPPLY
34
BIT 6
8
COMP. BITS
33
BIT 7
9
ENABLE
32
BIT 8
10
FIFO READ
31
BIT 9
11
ANALOG GROUND
30
ANALOG GROUND
12
–15V SUPPLY
29
BIT 10
13
ANALOG GROUND
28
BIT 11
14
OVERFLOW
27
BIT 12
15
EOC
26
BIT 13
16
+5V SUPPLY
25
BIT 14
17
START CONVERT
24
DIGITAL GROUND
18
DIGITAL GROUND
23
FIFO/DIR
19
FSTAT1
22
BIT 15
20
FSTAT2
21
BIT 16 (LSB)
INPUT/OUTPUT CONNECTIONS
40 BIT 1 (MSB)
39 BIT 1 (MSB)
38 BIT 2
37 BIT 3
36 BIT 4
35 BIT 5
34 BIT 6
33 BIT 7
32 BIT 8
31 BIT 9
29 BIT 10
28 BIT 11
27 BIT 12
26 BIT 13
25 BIT 14
22 BIT 15
21 BIT 16 (LSB)
TIMING AND
CONTROL LOGIC
GAIN ADJUST 6
+10V REF. OUT 1
OFFSET ADJUST 5
EOC 15
+5V SUPPLY
+15V SUPPLY
–15V SUPPLY
ANALOG GROUND
DIGITAL GROUND
POWER AND GROUNDING
S/H
GAIN
ADJUST
CKT.
OFFSET
ADJUST
CKT.
PRECISION
+10V REFERENCE
ANALOG INPUT 3
START CONVERT 17
COMP. BITS 8
19 FSTAT1
20 FSTAT2
23 FIFO/DIR
10 FIFO READ
9 ENABLE
14 OVERFLOW
16
7
12
4, 11, 13, 30
18, 24
BIPOLAR 2


Podobny numer części - ADS-930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
logo
DATEL, Inc.
ADS-930-C/883 DATEL-ADS-930-C/883 Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-930-C883 DATEL-ADS-930-C883 Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-930/883 DATEL-ADS-930/883 Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-930883 DATEL-ADS-930883 Datasheet
107Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADS-930

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADS-930 MURATA-PS-ADS-930 Datasheet
297Kb / 8P
   16-Bit, 500kHz Sampling A/D Converters
ADS-928 MURATA-PS-ADS-928 Datasheet
1Mb / 4P
   500kHz, 14-Bit Sampling A/D Converters
logo
List of Unclassifed Man...
ADS950 ETC-ADS950 Datasheet
184Kb / 6P
   18-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-916 MURATA-PS-ADS-916 Datasheet
189Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 MURATA-PS-ADS-926 Datasheet
153Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
logo
List of Unclassifed Man...
ADS-916 ETC-ADS-916 Datasheet
187Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-926 ETC-ADS-926 Datasheet
151Kb / 8P
   14-Bit, 500kHz, Low-Power Sampling A/D Converters
ADS-933 ETC-ADS-933 Datasheet
132Kb / 8P
   16-Bit, 3MHz Sampling A/D Converters
ADS-932 ETC1-ADS-932 Datasheet
173Kb / 10P
   16-Bit, 2MHz Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-935 MURATA-PS-ADS-935 Datasheet
420Kb / 8P
   16-Bit, 5MHz Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com