Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

CS4245 Arkusz danych(PDF) 4 Page - Cirrus Logic

Numer części CS4245
Szczegółowy opis  105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CIRRUS [Cirrus Logic]
Strona internetowa  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4245 Arkusz danych(HTML) 4 Page - Cirrus Logic

  CS4245 Datasheet HTML 1Page - Cirrus Logic CS4245 Datasheet HTML 2Page - Cirrus Logic CS4245 Datasheet HTML 3Page - Cirrus Logic CS4245 Datasheet HTML 4Page - Cirrus Logic CS4245 Datasheet HTML 5Page - Cirrus Logic CS4245 Datasheet HTML 6Page - Cirrus Logic CS4245 Datasheet HTML 7Page - Cirrus Logic CS4245 Datasheet HTML 8Page - Cirrus Logic CS4245 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
CS4245
4
6.6 Signal Selection - Address 06h ....................................................................................... 43
6.7 Channel A PGA Control - Address 07h ........................................................................... 43
6.8 Channel B PGA Control - Address 08h ........................................................................... 44
6.9 ADC Input Control - Address 09h ................................................................................... 44
6.10 DAC Channel A Volume Control - Address 0Ah ........................................................... 45
6.11 DAC Channel B Volume Control - Address 0Bh ........................................................... 45
6.12 DAC Control 2 - Address 0Ch ....................................................................................... 46
6.13 Interrupt Status - Address 0Dh ..................................................................................... 46
6.14 Interrupt Mask - Address 0Eh ....................................................................................... 47
6.15 Interrupt Mode MSB - Address 0Fh .............................................................................. 47
6.16 Interrupt Mode LSB - Address 10h ............................................................................... 47
7. PARAMETER DEFINITIONS ................................................................................................. 48
8. PACKAGE DIMENSIONS ...................................................................................................... 49
9. THERMAL CHARACTERISTICS AND SPECIFICATIONS ................................................. 49
Appendix A: DAC Filter Plots
......................................................................................... 50
Appendix B: ADC Filter Plots
.............................................................................................. 52


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Arkusz danych Pobierz

Go To PDF Page

Powiązane numery części

Numer częściSzczegółowy opisHtml ViewProducent
CS4265 105 dB 24-Bit 192 kHz Stereo Audio CODEC 1  2  3  4  5  More Cirrus Logic
CS4271 24-Bit 192 kHz Stereo Audio CODEC 1  2  3  4  5  More Cirrus Logic
CS4270 24-Bit 192 kHz Stereo Audio CODEC 1  2  3  4  5  More Cirrus Logic
STAC9460 Two and Six-Channel 24-Bit 192 kHz Audio Codec 1  2  3  4  5  More List of Unclassifed Manufacturers
AD1939 4 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1  2  3  4  5  More Analog Devices
CS4272 24-Bit 192 kHz Stereo Audio CODEC 1  2  3  4  5  More Cirrus Logic
CS42448 108 dB 192 kHz 6-in 8-out CODEC 1  2  3  4  5  More Cirrus Logic
CS5345 105 DB 24BIT 192 KHZ STEREO AUDIO ADC 1  2  3  4  5  More Cirrus Logic
AD1833 Multichannel 24-Bit 192 kHz DAC 1  2  3  4  5  More Analog Devices
TLC320AD77C 24-BIT 96 kHz STEREO AUDIO CODEC 1  2  3  4  5  More Texas Instruments

Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn