Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

93C66BTISN Arkusz danych(PDF) 5 Page - Microchip Technology

Numer części 93C66BTISN
Szczegółowy opis  4K Microwire Compatible Serial EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93C66BTISN Arkusz danych(HTML) 5 Page - Microchip Technology

  93C66BTISN Datasheet HTML 1Page - Microchip Technology 93C66BTISN Datasheet HTML 2Page - Microchip Technology 93C66BTISN Datasheet HTML 3Page - Microchip Technology 93C66BTISN Datasheet HTML 4Page - Microchip Technology 93C66BTISN Datasheet HTML 5Page - Microchip Technology 93C66BTISN Datasheet HTML 6Page - Microchip Technology 93C66BTISN Datasheet HTML 7Page - Microchip Technology 93C66BTISN Datasheet HTML 8Page - Microchip Technology 93C66BTISN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
 2003 Microchip Technology Inc.
DS21795B-page 5
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.0
FUNCTIONAL DESCRIPTION
When the ORG* pin is connected to VCC, the (x16)
organization is selected. When it is connected to
ground, the (x8) organization is selected. Instructions,
addresses and write data are clocked into the DI pin on
the rising edge of the clock (CLK). The DO pin is
normally held in a HIGH-Z state except when reading
data from the device, or when checking the READY/
BUSY status during a programming operation. The
READY/BUSY status can be verified during an Erase/
Write operation by polling the DO pin; DO low indicates
that programming is still in progress, while DO high
indicates the device is ready. DO will enter the HIGH-Z
state on the falling edge of CS.
2.1
Start Condition
The Start bit is detected by the device if CS and DI are
both high with respect to the positive edge of CLK for
the first time.
Before a Start condition is detected, CS, CLK, and DI
may change in any combination (except to that of a
Start condition), without resulting in any device
operation (READ, WRITE, ERASE, EWEN, EWDS,
ERAL, or WRAL). As soon as CS is high, the device is
no longer in Standby mode.
An instruction following a Start condition will only be
executed if the required opcode, address and data bits
for any particular instruction are clocked in.
2.2
Data In/Data Out (DI/DO)
It is possible to connect the Data In and Data Out pins
together. However, with this configuration it is possible
for a “bus conflict” to occur during the “dummy zero”
that precedes the Read operation, if A0 is a logic high
level. Under such a condition the voltage level seen at
Data Out is undefined and will depend upon the relative
impedances of Data Out and the signal source driving
A0. The higher the current sourcing capability of A0,
the higher the voltage at the Data Out pin. In order to
limit this current, a resistor should be connected
between DI and DO.
2.3
Data Protection
All modes of operation are inhibited when VCC is below
a typical voltage of 1.5V for '93AA' and '93LC' devices
or 3.8V for '93C' devices.
The EWEN and EWDS commands give additional
protection against accidentally programming during
normal operation.
Note:
For added protection, an EWDS command
should be performed after every write
operation.
After power-up, the device is automatically in the
EWDS mode. Therefore, an EWEN instruction must be
performed before the initial ERASE or WRITE instruction
can be executed.
Block Diagram
Memory
Array
Data Register
Mode
Decode
Logic
Clock
Register
Address
Decoder
Address
Counter
Output
Buffer
DO
DI
ORG*
CS
CLK
VCC
VSS
*ORG input is not available on A/B devices


Podobny numer części - 93C66BTISN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
93C66BT-E/CH MICROCHIP-93C66BT-E/CH Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/MC MICROCHIP-93C66BT-E/MC Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/MS MICROCHIP-93C66BT-E/MS Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/OT MICROCHIP-93C66BT-E/OT Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
93C66BT-E/P MICROCHIP-93C66BT-E/P Datasheet
738Kb / 38P
   1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Podobny opis - 93C66BTISN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
93AA66A MICROCHIP-93AA66A_05 Datasheet
442Kb / 28P
   4K Microwire Compatible Serial EEPROM
2005
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
   4K Microwire Compatible Serial EEPROM
07/28/03
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1997
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
   4K 2.5V Microwire Serial EEPROM
1998 - 2000
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
   1K Microwire Compatible Serial EEPROM
11/29/12
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
   8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
   16K Microwire Compatible Serial EEPROM
01/26/04
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com